Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4350 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4350
Description  2.5A, 4MHz, 20V Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4350 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4350 Datasheet HTML 1Page - Monolithic Power Systems MP4350 Datasheet HTML 2Page - Monolithic Power Systems MP4350 Datasheet HTML 3Page - Monolithic Power Systems MP4350 Datasheet HTML 4Page - Monolithic Power Systems MP4350 Datasheet HTML 5Page - Monolithic Power Systems MP4350 Datasheet HTML 6Page - Monolithic Power Systems MP4350 Datasheet HTML 7Page - Monolithic Power Systems MP4350 Datasheet HTML 8Page - Monolithic Power Systems MP4350 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP4350
2.5A, 4MHz, 20V
Step-Down Converter
MP4350 Rev. 1.0
www.MonolithicPower.com
1
5/26/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4350 is a high frequency step-down
switching regulator with an integrated internal
high-side high voltage power MOSFET. It
provides 2.5A output with current mode control
for fast loop response and easy compensation.
The
wide
4.5V
to
20V
input
range
accommodates
a
variety
of
step-down
applications, including those in an automotive
input
environment.
A
100µA
operational
quiescent current allows use in battery-powered
applications.
High power conversion efficiency over a wide
load range is achieved by scaling down the
switching frequency at light load condition to
reduce the switching and gate driving losses.
The frequency foldback helps prevent inductor
current runaway during startup and thermal
shutdown
provides
reliable,
fault
tolerant
operation.
By switching at 4MHz, the MP4350 is able to
prevent switching related EMI (Electromagnetic
Interference) noise problems, such as those
found in AM radio and ADSL applications.
The MP4350 is available in a small 3mm x 3mm
10-pin QFN package.
FEATURES
• 100µA Quiescent Current
• Wide 4.5V to 20V Operating Input Range
• 150mΩ Internal Power MOSFET
• Up to 4MHz Programmable Switching
Frequency
• Ceramic Capacitor Stable
• Internal Soft-Start
• Internal Set Current Limit without a Current
Sensing Resistor
• Up to 95% Efficiency
• Output Adjustable from 0.8V to 16V
• Available in a 10-Pin QFN (3mm x 3mm) Package
APPLICATIONS
• DSL Power
• Set Top Boxes
• Battery Powered Systems
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
C3
220pF
C6
NS
C4
100nF
D1
VOUT
3.3V
VIN
VIN
EN
FREQ
GND
BST
5
10
1,2
5
4
8,9
3
7
SW
FB
COMP
MP4350
EN
Efficiency vs
Load Current
100
90
80
70
60
50
40
30
0
0.5
1.0
1.5
2.0
2.5
LOAD CURRENT (A)
VOUT=3.3V
VIN=12V
VIN=5V


Similar Part No. - MP4350

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4301 TOSHIBA-MP4301 Datasheet
154Kb / 6P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4303 TOSHIBA-MP4303 Datasheet
255Kb / 5P
N CHANNEL MSO TYPE (HIGH POWER HIGH SPEED SWITCHING APPLICATIONS HAMMER DRIVE, PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING)
MP4303 TOSHIBA-MP4303 Datasheet
155Kb / 6P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4303 TOSHIBA-MP4303 Datasheet
155Kb / 6P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4303Q TOSHIBA-MP4303Q Datasheet
155Kb / 6P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
More results

Similar Description - MP4350

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3412 LINER-LTC3412 Datasheet
218Kb / 20P
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP2560 MPS-MP2560 Datasheet
509Kb / 19P
2.5A, 4MHz, 42V Step-Down Converter
MP2565 MPS-MP2565 Datasheet
535Kb / 20P
2.5A, 4MHz, 50V Step-Down Converter
MP2562 MPS-MP2562 Datasheet
617Kb / 20P
1A, 4MHz, 50V Step-Down Converter
MP4458 MPS-MP4458 Datasheet
390Kb / 16P
1A, 4MHz, 36V Step-Down Converter
MP4459 MPS-MP4459 Datasheet
451Kb / 17P
1.5A, 4MHz, 36V Step-Down Converter
MP4460 MPS-MP4460 Datasheet
451Kb / 18P
2.5A, 4MHz, 36V Step-Down Converter
MP4462 MPS-MP4462 Datasheet
482Kb / 20P
3.5A, 4MHz, 36V Step-Down Converter
MPQ4460 MPS-MPQ4460 Datasheet
411Kb / 18P
Industrial Grade, 2.5A, 4MHz, 36V Step-Down Converter
logo
Linear Technology
LTC3412 LINER-LTC3412_15 Datasheet
224Kb / 20P
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com