Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4653 Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MP4653
Description  Real LIPS CC/CV Mode LLC TV LED Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4653 Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MP4653 Datasheet HTML 17Page - Monolithic Power Systems MP4653 Datasheet HTML 18Page - Monolithic Power Systems MP4653 Datasheet HTML 19Page - Monolithic Power Systems MP4653 Datasheet HTML 20Page - Monolithic Power Systems MP4653 Datasheet HTML 21Page - Monolithic Power Systems MP4653 Datasheet HTML 22Page - Monolithic Power Systems MP4653 Datasheet HTML 23Page - Monolithic Power Systems MP4653 Datasheet HTML 24Page - Monolithic Power Systems MP4653 Datasheet HTML 25Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
MP4653—REAL LIPS CC/CV MODE LLC TV LED DRIVER
MP4653 Rev 1.01
www.MonolithicPower.com
22
6/28/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
control the starting operation of the IC, use this
“Enable” signal to control this supply input
voltage with following circuit in figure 4.
Figure 4—MP4653 Enable control circuit
PWM
dimming
signal
output
(Pin
16,
PWMOUT)
This pin outputs a PWM dimming signal to drive
the external dimming MOSFET (MN) in series
with the LED string, and achieves fast PWM
dimming. Connect a resistor in series with this
pin to adjust the driving speed.
The PWMOUT signal is also used to control the
external P-MOS (MP) for protection, as shown in
figure 5A. Figure 5B shows the operating scheme
of this driving circuit. A negative voltage source (-
Vbus) is generated from the secondary winding
of DC bus stage. A pulse waveform at “VX“ is
generated through the PWMOUT signal. By
summing the negative voltage source and VX, a
pulse waveform with a negative magnitude is
generated on “P_Drive” (the P-MOS gate) and is
used to drive the P-MOS.
MP4653
PWMOUT
15
.
.
.
IFB
OVP
PWMOUT
OCP
VOCP
VFB
Vbus
Vbus
PWMOUT
RVOCP
ROCP
RVFBH
RVFBL
ROVPH
ROVPL
Rsense
CVbus
Co
MN
MP
Primary LLC
power stage
-Vbus
P_Drive
PWMOUT
VX
Figure 5A—PWMOUT for the P_MOS Driver
Figure 5B—Scheme of the PWMOUT Driving
the P_MOS
Gate Driver Supply (Pin 17, VCC)
This pin supplies the gate drive signals GL,GR
and PWMOUT. Bypass this pin with a 1uF or
larger ceramic capacitor. This pin could also be
used to supply an external circuit.
Gate Drive Signals (Pin 18,20 GL,GR)
GL and GR provide the driving signal for the
power stage. GL and GR are 180 degree phase
shifted gate drive signals. With the enhanced
drive capability, GL and GR can directly drive the
external MOSFET in the power stage through a
gate driving transformer.
The gate driving transformer also isolates the
primary power stage and the secondary control
circuit. Place a 2.2nF Y cap between the power
stage ground and the reference ground for the
control circuit to improve the EMI performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com