Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4653 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP4653
Description  Real LIPS CC/CV Mode LLC TV LED Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4653 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP4653 Datasheet HTML 10Page - Monolithic Power Systems MP4653 Datasheet HTML 11Page - Monolithic Power Systems MP4653 Datasheet HTML 12Page - Monolithic Power Systems MP4653 Datasheet HTML 13Page - Monolithic Power Systems MP4653 Datasheet HTML 14Page - Monolithic Power Systems MP4653 Datasheet HTML 15Page - Monolithic Power Systems MP4653 Datasheet HTML 16Page - Monolithic Power Systems MP4653 Datasheet HTML 17Page - Monolithic Power Systems MP4653 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
MP4653—REAL LIPS CC/CV MODE LLC TV LED DRIVER
MP4653 Rev 1.01
www.MonolithicPower.com
14
6/28/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
(continued)
Pin #
Name
Description
12
VLED1
Voltage feedback of LED string1. VLED1, VLED2, VLED3 and VLED4 corporate for the
protection of the LED driver stage. The maximum voltage of these pins and the voltage
difference among these pins are detected for LED stage protection.
If the number of LED strings is less than 4, connect the left pins together with others.
13
A-Dim
Analog dimming input. 0~1.18V sets the LED current from 0 to 100%. If not used pull it high
to VCC through a 100kΩ resistor.
14
PWMIN
PWM Dimming control Input. Apply a 100Hz to 2kHz PWM signal to this pin for PWM
dimming
15
VIN
Supply Input. Bypass this pin with a ceramic capacitor larger than 0.1μF.
16
PWMOUT Output of the driving signal for the dimming MOSFET.
17
VCC
Power Supply for the gate driver and internal circuit. Bypass this pin with a ceramic
capacitor larger than 1μF.
18
GL
Driving signal output, 180 degree phase shifted of GR
19
GND
Ground Reference.
20
GR
Driving signal output, 180 degree phase shifted of GL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com