Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4689 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP4689
Description  100V Input, 1A High Power LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4689 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP4689 Datasheet HTML 2Page - Monolithic Power Systems MP4689 Datasheet HTML 3Page - Monolithic Power Systems MP4689 Datasheet HTML 4Page - Monolithic Power Systems MP4689 Datasheet HTML 5Page - Monolithic Power Systems MP4689 Datasheet HTML 6Page - Monolithic Power Systems MP4689 Datasheet HTML 7Page - Monolithic Power Systems MP4689 Datasheet HTML 8Page - Monolithic Power Systems MP4689 Datasheet HTML 9Page - Monolithic Power Systems MP4689 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MP4689 – 100V INPUT, 1A HIGH POWER LED DRIVER
MP4689 Rev. 1.0
www.MonolithicPower.com
6
4/29/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
L=47µH, 1 LED Load, TA=25
oC, unless otherwise noted.
Enable Shut Down
VIN = 40V
Enable Start Up
VIN = 40V
Efficiency vs. Input
Voltage
VIN VOLTAGE(V)
Efficiency vs. String
Voltage
VIN VOLTAGE (V)
ILED Load Regulation
ILED vs. PWM Dimming Duty
199.70
199.80
199.90
200.00
200.10
200.20
200.30
200.40
200.50
0 10 20 30 40 50 60 70 80
VIN ( V )
EN
5V/div.
FB
100mV/div.
SW
20V/div.
ILED
500mA/div.
EN
5V/div.
FB
100mV/div.
SW
20V/div.
ILED
500mA/div.
PWM Dimming
VIN = 60V, 7LEDs
PWM Dimming
VIN = 60V, 7LEDs
DIM
5V/div.
FB
100mV/div.
SW
50V/div.
ILED
200mA/div.
DIM
5V/div.
FB
100mV/div.
SW
50V/div.
ILED
200mA/div.
-0.9
-0.6
-0.3
0.0
0.3
0.6
0.9
30
40
50 60
70 80
90 100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
20
40
60
80
100
10 LED
3 LED
10 LED
FPWM=0.2kHz
70
75
80
85
90
95
100
0
2040
6080
100
20 LED
10 LED
3 LED
70
76
82
88
94
100
10 20
30
40
50 60
70 80
LED STRING VOLTAGE (V)
VIN=40V
VIN=50V
VIN=70V
VIN=80V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com