Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4689 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4689
Description  100V Input, 1A High Power LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4689 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4689 Datasheet HTML 1Page - Monolithic Power Systems MP4689 Datasheet HTML 2Page - Monolithic Power Systems MP4689 Datasheet HTML 3Page - Monolithic Power Systems MP4689 Datasheet HTML 4Page - Monolithic Power Systems MP4689 Datasheet HTML 5Page - Monolithic Power Systems MP4689 Datasheet HTML 6Page - Monolithic Power Systems MP4689 Datasheet HTML 7Page - Monolithic Power Systems MP4689 Datasheet HTML 8Page - Monolithic Power Systems MP4689 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP4689
100V Input, 1A High
Power LED Driver
MP4689 Rev. 1.0
www.MonolithicPower.com
1
4/29/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4689 is a high voltage input step-down
switching regulator to deliver a constant current
of up to 1A to high power LEDs. It integrates a
high-side high voltage power MOSFET with a
current limit of 2.5A (typical value). The wide
4.5V to 100V input range accommodates a
variety of step-down applications, making it
ideal for automotive, industrial and general
lighting applications. Hysteresis current mode
control is applied for very fast response, which
makes the 20kHz dimming frequency possible.
MPS’s proprietary feedback control scheme
minimizes the number of external components
while delivering a LED current with typical ±3%
accuracy.
The switching frequency is up to 1MHz, thus
allowing for small component size. The thermal
shut down, short circuit protection, and optional
output voltage limitation provide reliable, fault
tolerant operations. A 170µA quiescent current
allows its use in battery-powered applications.
The MP4689 is available in SOIC8 with
exposed pad packages.
FEATURES
• Wide 4.5V to 100V Operating Input Range
• No Output Capacitor Required
• ±3% LED Current Accuracy
• Hysteretic Control: No Compensation
• Up to 1MHz Switching Frequency
• Up to 20kHz Dimming Frequency
• Dedicated PWM Dimming Control Input
• Short circuit protection with integrated high
side MOSFET
• Optional Output Voltage Limitation
• Thermal shut down
• 200mV reference voltage for high efficiency
• Up to 95% Efficiency
• 170µA Quiescent Current
• Available in SOIC8 with Exposed Pad
Packages
APPLICATIONS
• High Power LED Driver
• Automotive, Industry and General Lighting
• Constant Current Source
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
PWM
DIM
EN
FB
GND
SW
BST
VIN
D1
Enable
LO
VOUT
VIN
4.5V to 100V
CIN
CBST


Similar Part No. - MP4689

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4689 MPS-MP4689 Datasheet
238Kb / 5P
100V Input 1A High Power LED Driver
MP4689A MPS-MP4689A Datasheet
697Kb / 10P
100V Input, 1A, High-Power LED Driver
MP4689AGN MPS-MP4689AGN Datasheet
697Kb / 10P
100V Input, 1A, High-Power LED Driver
More results

Similar Description - MP4689

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SD42524 SILAN-SD42524 Datasheet
693Kb / 11P
1A High Power LED Driver with 6~36V Input
logo
Unisonic Technologies
L3010 UTC-L3010 Datasheet
154Kb / 5P
1A HIGH POWER LED DRIVER WITH 4.5~40V INPUT
logo
Monolithic Power System...
MP2487 MPS-MP2487 Datasheet
207Kb / 13P
55V, 1A High Power LED Driver
MP4688 MPS-MP4688 Datasheet
477Kb / 11P
80V Input, 1A High Power LED Driver
logo
Unisonic Technologies
L3012 UTC-L3012 Datasheet
173Kb / 5P
1A HIGH POWER LED DRIVER WITH 4.5~40V INPUT
logo
Monolithic Power System...
MP4689A MPS-MP4689A Datasheet
697Kb / 10P
100V Input, 1A, High-Power LED Driver
EV4688DN-00A MPS-EV4688DN-00A Datasheet
152Kb / 3P
80V Input 1A High Power LED Driver
EV4689DN-00A MPS-EV4689DN-00A Datasheet
238Kb / 5P
100V Input 1A High Power LED Driver
logo
Unisonic Technologies
L3010 UTC-L3010_16 Datasheet
193Kb / 6P
1A HIGH POWER LED DRIVER
logo
Shanghai Consonance Ele...
CN5710 CONSONANCE-CN5710 Datasheet
153Kb / 8P
1A High Brightness LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com