Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5010B Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP5010B
Description  3V-18V, 1A-5A Programmable-Current- Limit Switch with Over-Voltage Clamp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5010B Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP5010B Datasheet HTML 1Page - Monolithic Power Systems MP5010B Datasheet HTML 2Page - Monolithic Power Systems MP5010B Datasheet HTML 3Page - Monolithic Power Systems MP5010B Datasheet HTML 4Page - Monolithic Power Systems MP5010B Datasheet HTML 5Page - Monolithic Power Systems MP5010B Datasheet HTML 6Page - Monolithic Power Systems MP5010B Datasheet HTML 7Page - Monolithic Power Systems MP5010B Datasheet HTML 8Page - Monolithic Power Systems MP5010B Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MP5010B – 3V-18V, 1A-5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5010B Rev. 1.0
www.MonolithicPower.com
3
4/3/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = 5V, RLIMIT=22Ω, Capacitive Load= 10μF, TA=25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Power FET
Delay Time
τDLY
Enabling of chip to
ID=40mA with a 5Ω
resistive load
44
μs
TJ=25°C
40
55
ON Resistance
RDSon
TJ=85°C
(5)
52
mΩ
OFF-State Output Voltage
VOFF
VCC=18V, VEN=0V,
RL=500Ω
120
mV
0.5 in
2 pad, T
A=25°C
4.2
Continuous Current
ID
minimum copper, TA=80°C
2.3
A
Thermal Latch
Shutdown Temperature
(5)
TSD
175
°C
Under/Over-Voltage Protection
Output Clamp Voltage
VCLAMP
Over-Voltage Protection
VCC=8V
5.5
5.7
5.9
V
Under-Voltage Lockout
VUVLO
Rising Edge
2.65
2.8
2.9
V
Under-Voltage Lockout (UVLO)
Hysteresis
VHYST
0.15
V
Current Limit
(6) (For Direct Current-Sense, refer to typical application in Figure 5)
Hold Current
ILIM-SS
0Ω Short Resistance,
RLIM=22Ω
2.2
2.8
3.4
A
Trip Current
ILIM-OL
RLIM=22Ω
4.3
A
Current Limit
(6) (For Kelvin Sense, refer to typical application in Figure 4)
Hold Current
ILIM-SS
0Ω Short Resistance,
RLIM=22Ω
0.77
1.10
1.43
A
Trip Current
ILIM-OL
RLIM=22Ω
2.18
A
dv/dt Circuit
Rise Time
(7)
τr
Cdv/dt =1nF
2
3
4
ms
Enable/Fault
Low-Level Input Voltage
VIL
Output Disabled
0.5
V
Intermediate-Level Input Voltage
VI (INT)
Thermal Fault, Output
Disabled
0.82
1.4
1.95
V
High-Level Input Voltage
VIH
Output Enabled
2.5
V
HIGH-State Maximum Voltage
VI (MAX)
4.95
V
Pull-Up Current (Source)
IIL
VENABLE=0V
15
25
35
μA
Maximum Fanout for Fault Signal
Maximum number of chips
for simultaneous shutdown
3
Units
Maximum Voltage on EN
(8)
VMAX
VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com