Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5010B Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP5010B
Description  3V-18V, 1A-5A Programmable-Current- Limit Switch with Over-Voltage Clamp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5010B Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP5010B Datasheet HTML 1Page - Monolithic Power Systems MP5010B Datasheet HTML 2Page - Monolithic Power Systems MP5010B Datasheet HTML 3Page - Monolithic Power Systems MP5010B Datasheet HTML 4Page - Monolithic Power Systems MP5010B Datasheet HTML 5Page - Monolithic Power Systems MP5010B Datasheet HTML 6Page - Monolithic Power Systems MP5010B Datasheet HTML 7Page - Monolithic Power Systems MP5010B Datasheet HTML 8Page - Monolithic Power Systems MP5010B Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MP5010B – 3V-18V, 1A-5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5010B Rev. 1.0
www.MonolithicPower.com
4
4/3/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VCC = 5V, RLIMIT=22Ω, Capacitive Load= 10μF, TA=25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Total Device
Device Operational
860
950
Bias Current
IBIAS
Thermal Shutdown
580
650
μA
Minimum Operating Voltage for
UVLO
VMIN
Enable<0.5V
2.5
V
Notes:
5) Guaranteed by design.
6) Guaranteed by Characterization Test.
7) Measured from 10% to 90%.
8) Maximum Input Voltage on Enable pin to be ≤6V if Vcc ≥ 6V. Maximum Input Voltage on Enable pin to be Vcc if Vcc ≤ 6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com