Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6211 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6211
Description  3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6211 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6211 Datasheet HTML 1Page - Monolithic Power Systems MP6211 Datasheet HTML 2Page - Monolithic Power Systems MP6211 Datasheet HTML 3Page - Monolithic Power Systems MP6211 Datasheet HTML 4Page - Monolithic Power Systems MP6211 Datasheet HTML 5Page - Monolithic Power Systems MP6211 Datasheet HTML 6Page - Monolithic Power Systems MP6211 Datasheet HTML 7Page - Monolithic Power Systems MP6211 Datasheet HTML 8Page - Monolithic Power Systems MP6211 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP6211/MP6212 –CURRENT-LIMITED POWER DISTRIBUTION SWITCHES
MP6211_MP6212 Rev. 1.1
www.MonolithicPower.com
4
9/18/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
PIN FUNCTIONS
SOIC8
MSOP8E
Name
Description
1
GND
Expose
Pad
Ground. Connect exposed pad to GND plane for optimal thermal performance.
2, 3
IN
Input Voltage. Accepts 2.7V to 5.5V input.
4
EN
Enable Input, Active Low: (MP6212), Active High: (MP6211)
5
FLAG
IN-to-OUT Over-current, active-low output flag. Open-Drain.
6, 7
OUT
Power-Distribution Switch Output.
8
N/C
No Connect. Not internally connected.
TYPICAL PERFORMANCE CHARACTERISTICS
TA = +25ºC, unless otherwise noted.
VI(ENX)
VI(ENX)
VO(OUTX)
OUTX
RL
CL
VO(OUTX)
VO(OUTX)
50%
50%
50%
50%
90%
90%
90%
90%
10%
10%
10%
10%
ton
tr
tf
ton
toff
toff
VOLTAGE WAVEFORMS
TEST CIRCUIT
Figure 1—Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com