Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6211 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP6211
Description  3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6211 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP6211 Datasheet HTML 1Page - Monolithic Power Systems MP6211 Datasheet HTML 2Page - Monolithic Power Systems MP6211 Datasheet HTML 3Page - Monolithic Power Systems MP6211 Datasheet HTML 4Page - Monolithic Power Systems MP6211 Datasheet HTML 5Page - Monolithic Power Systems MP6211 Datasheet HTML 6Page - Monolithic Power Systems MP6211 Datasheet HTML 7Page - Monolithic Power Systems MP6211 Datasheet HTML 8Page - Monolithic Power Systems MP6211 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MP6211/MP6212 –CURRENT-LIMITED POWER DISTRIBUTION SWITCHES
MP6211_MP6212 Rev. 1.1
www.MonolithicPower.com
5
9/18/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=5.5V, CL=2.2uF, TA = +25ºC, unless otherwise noted.
INPUT VOTAGE (V)
INPUT VOTAGE (V)
3.5
4.5
5.5
6.5
2.5
3.5
4.5
5.5
6
5
34
2.5
1.5
2
2.5
1
0.7
0.6
0.5
0.4
0.8
0.9
2.5
3
3.5
4
4.5
5
5.5
6
Current Limit Response
Time vs. Peak Current
VEN=5V
INPUT VOLTAGE (V)
PEAK CURRENT (A)
02
4
6
8
10
12
0
5
10
15
20
25
30
35
40
45
50
0
20
40
60
80
100
120
140
0
0.2
0.4
0.6
0.8
1
1.2
OUTPUT CURRENT (A)
70
80
90
100
110
120
2.5 3
3.5 4
4.5 5
5.5 6
INPUT VOLTAGE (V)
Vin=5.5V
Vin=5V
Vin=4V
Vin=3.3V
Vin=2.7V
Supply Current, Output
Enabled vs. Input Voltage
VEN=5V
Input to Output Voltage
vs. Load Current
VEN=5V
INPUT VOLTAGE (V)
INPUT VOTAGE (V)
Static Drain-Source On-State
Resistance vs. Input Voltage
VEN=5V, IOUT=1A
Short Circuit Output Current
vs. Input Voltage
VEN=5V, VIN=5V
Threshold Trip Current
vs. Input Voltage
VEN=5V
70
75
80
85
90
95
100
1.4
1.45
1.5
1.55
1.6
1.65
1.7
1.75
2.5
3
3.5
4
4.5
5
5.5
6
1.5
1.6
1.7
1.8
1.9
2
2.533.544.555.5
6
Static Drain-Source On-State
Resistance Variation vs.
Ambient Temperature
VIN=5V, IO=0.1A
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
-45 -30 -15 0 15 30 45 60 75 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com