Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXDN514D1 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXDN514D1
Description  14 Ampere Low-Side Ultrafast MOSFET Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN514D1 Datasheet(HTML) 4 Page - IXYS Corporation

  IXDN514D1 Datasheet HTML 1Page - IXYS Corporation IXDN514D1 Datasheet HTML 2Page - IXYS Corporation IXDN514D1 Datasheet HTML 3Page - IXYS Corporation IXDN514D1 Datasheet HTML 4Page - IXYS Corporation IXDN514D1 Datasheet HTML 5Page - IXYS Corporation IXDN514D1 Datasheet HTML 6Page - IXYS Corporation IXDN514D1 Datasheet HTML 7Page - IXYS Corporation IXDN514D1 Datasheet HTML 8Page - IXYS Corporation IXDN514D1 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Copyright © 2006 IXYS CORPORATION All rights reserved
IXDI514 / IXDN514
Notes:
1. Operating the device beyond the parameters listed as “Absolute Maximum Ratings” may cause permanent
damage to the device. Exposure to absolute maximum rated conditions for extended periods may affect device
reliability.
2. The device is not intended to be operated outside of the Operating Ratings.
3. Electrical Characteristics provided are associated with the stated Test Conditions.
4. Typical values are presented in order to communicate how the device is expected to perform, but not necessarily
to highlight any specific performance limits within which the device is guaranteed to function.
Unless otherwise noted, 4.5V
≤ V
CC ≤ 30V , Tj < 150
oC
All voltage measurements with respect to GND. IXD_502 configured as described in Test Conditions. All specifications are for one channel.
Electrical Characteristics @ temperatures over -55 oC to 125 oC (3)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VIH
High input voltage
4.5V
≤ V
CC ≤ 18V
2.7
V
VIL
Low input voltage
4.5V
≤ V
CC ≤ 18V
0.8
V
VIN
Input voltage range
-5
VCC + 0.3
V
IIN
Input current
0V
≤ V
IN ≤ VCC
-10
10
µA
VOH
High output voltage
VCC - 0.025
V
VOL
Low output voltage
0.025
V
ROH
Output resistance
@ Output high
VCC = 18V
1.25
Ω
ROL
Output resistance
@ Output Low
VCC = 18V
1.25
Ω
IDC
Continuous output
current
1
A
tR
Rise time
CL=10,000pF Vcc=18V
23
100
ns
tF
Fall time
CL=10,000pF Vcc=18V
30
100
ns
tONDLY
On-time propagation
delay
CL=10,000pF Vcc=18V
20
60
ns
tOFFDLY
Off-time propagation
delay
CL=10,000pF Vcc=18V
40
60
ns
VCC
Power supply voltage
4.5
18
30
V
ICC
Power supply current
VIN = 3.5V
VIN = 0V
VIN = + VCC
1
0
3
10
10
mA
µA
µA
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com