Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXDN514D1 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXDN514D1
Description  14 Ampere Low-Side Ultrafast MOSFET Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN514D1 Datasheet(HTML) 1 Page - IXYS Corporation

  IXDN514D1 Datasheet HTML 1Page - IXYS Corporation IXDN514D1 Datasheet HTML 2Page - IXYS Corporation IXDN514D1 Datasheet HTML 3Page - IXYS Corporation IXDN514D1 Datasheet HTML 4Page - IXYS Corporation IXDN514D1 Datasheet HTML 5Page - IXYS Corporation IXDN514D1 Datasheet HTML 6Page - IXYS Corporation IXDN514D1 Datasheet HTML 7Page - IXYS Corporation IXDN514D1 Datasheet HTML 8Page - IXYS Corporation IXDN514D1 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
First Release
Features
• Built using the advantages and compatibility
of CMOS and IXYS HDMOSTM processes
• Latch-Up Protected over entire Operating Range
• High Peak Output Current: 14A Peak
• Wide Operating Range: 4.5V to 30V
• -55°C to +125°C Extended Operating
Temperature
• High Capacitive Load
Drive Capability: 15nF in <30ns
• Matched Rise And Fall Times
• Low Propagation Delay Time
• Low Output Impedance
• Low Supply Current
• Two Drivers in Single Chip
Applications
• Driving MOSFETs and IGBTs
• Motor Controls
• Line Drivers
• Pulse Generators
• Local Power ON/OFF Switch
• Switch Mode Power Supplies (SMPS)
• DC to DC Converters
• Pulse Transformer Driver
• Class D Switching Amplifiers
• Power Charge Pumps
General Description
The IXDI514 and IXDN514 are high speed high current gate
drivers specifically designed to drive the largest IXYS
MOSFETs & IGBTs to their minimum switching time and
maximum parctical frequency limits. The IXDI514 and
IXDN514 can source and sink 14 Amps of Peak Current
while producing voltage rise and fall times of less than
30ns. The inputs of the Drivers are compatible with TTL or
CMOS and are virtually immune to latch up over the entire
operating range! Patented* design innovations eliminate
cross conduction and current "shoot-through". Improved
speed and drive capabilities are further enhanced by very
quick & matched rise and fall times.
The IXDI514 is configured as a Inverting Gate Driver, and the
IXDN514 is configured as a Non-Inverting Gate Driver.
The IXDI514 and IXDN514 are each available in the 8-Pin P-
DIP (PI) package, the 8-Pin SOIC (SIA) package, and the
6-Lead DFN (D1) package, (which occupies less than 65%
of the board area of the 8-Pin SOIC).
*United States Patent 6,917,227
Ordering Information
Part Number
Description
Package
Type
Packing Style
Pack
Qty
Configuration
IXDI514PI
14A Low Side Gate Driver I.C.
8-Pin PDIP
Tube
50
IXDI514SIA
14A Low Side Gate Driver I.C.
8-Pin SOIC
Tube
94
IXDI514SIAT/R
14A Low Side Gate Driver I.C.
8-Pin SOIC
13” Tape and Reel
2500
IXDI514D1
14A Low Side Gate Driver I.C.
6-Lead DFN
2” x 2” Waffle Pack
56
IXDI514D1T/R
14A Low Side Gate Driver I.C.
6-Lead DFN
13” Tape and Reel
2500
Inverting
IXDN514PI
14A Low Side Gate Driver I.C.
8-Pin PDIP
Tube
50
IXDN514SIA
14A Low Side Gate Driver I.C.
8-Pin SOIC
Tube
94
IXDN514SIAT/R
14A Low Side Gate Driver I.C.
8-Pin SOIC
13” Tape and Reel
2500
IXDN514D1
14A Low Side Gate Driver I.C.
6-Lead DFN
2” x 2” Waffle Pack
56
IXDN514D1T/R
14A Low Side Gate Driver I.C.
6-Lead DFN
13” Tape and Reel
2500
Non-Inverting
DS99672(01/07)
NOTE: All parts are lead-free and RoHS Compliant
Copyright © 2006 IXYS CORPORATION All rights reserved
14 Ampere Low-Side Ultrafast MOSFET Drivers
IXDI514 / IXDN514
Preliminary Technical Information


Similar Part No. - IXDN514D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDN502 IXYS-IXDN502 Datasheet
409Kb / 12P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN502D1 IXYS-IXDN502D1 Datasheet
409Kb / 12P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN502D1 IXYS-IXDN502D1 Datasheet
409Kb / 12P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN502D1T/R IXYS-IXDN502D1T/R Datasheet
409Kb / 12P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN502D1T/R IXYS-IXDN502D1T/R Datasheet
409Kb / 12P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
More results

Similar Description - IXDN514D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDI414 IXYS-IXDI414 Datasheet
241Kb / 10P
14 Ampere Low-Side Ultrafast MOSFET Drivers
IXDN402PI IXYS-IXDN402PI Datasheet
221Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN404 IXYS-IXDN404_04 Datasheet
760Kb / 11P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
Clare, Inc.
IXD_602 CLARE-IXD_602 Datasheet
1Mb / 13P
2-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXD_609 CLARE-IXD_609 Datasheet
1Mb / 14P
9-Ampere Low-Side Ultrafast MOSFET Drivers
IXD_614 CLARE-IXD_614 Datasheet
1Mb / 14P
14-Ampere Low-Side Ultrafast MOSFET Drivers
IXD_630 CLARE-IXD_630 Datasheet
1Mb / 12P
30-Ampere Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDF502 IXYS-IXDF502 Datasheet
409Kb / 12P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDI509 IXYS-IXDI509 Datasheet
354Kb / 12P
9 Ampere Low-Side Ultrafast MOSFET Drivers
IXDR502 IXYS-IXDR502 Datasheet
216Kb / 11P
2 Ampere Single Low-Side Ultrafast MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com