Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS202-321 Datasheet(PDF) 1 Page - Alpha Industries

Part # AS202-321
Description  PHEMT GaAs IC High Power SP3T Switch DC-2 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AS202-321 Datasheet(HTML) 1 Page - Alpha Industries

  AS202-321 Datasheet HTML 1Page - Alpha Industries AS202-321 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [978] 241-7906 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 8/01A
PHEMT GaAs IC High Power
SP3T Switch DC–2 GHz
Features
■ Positive Low Voltage Control
(0/2.75 V Operation)
■ Low Insertion Loss (< 0.6 dB @ 2 GHz)
■ High Isolation (30 dB at 1 and 2 GHz)
■ Excellent Harmonics Performance
(65 dBc @ 2.75 V 1 GHz PIN = 34 dBm)
■ Miniature MLP-12 Plastic Package
■ PHEMT Process
MLP-12
AS202-321
0.008 (0.20 mm)
SEATING PLANE
0.118 (3.00 mm)
PIN 1
INDICATOR
PIN 1
INDICATOR
0.118
(3.00 mm)
0.001
(0.02 mm)
0.030
(0.75 mm)
± 0.002
(0.05 mm)
EXPOSED
PAD
0.029
(0.73 mm)
0.0196
(0.50 mm) BSC
0.057 (1.45 mm) SQ.
+ 0.004 (0.10 mm)
- 0.006 (0.15 mm)
0.009 (0.23 mm)
+ 0.003 (0.07 mm)
- 0.002 (0.05 mm)
Description
The AS202-321 is a PHEMT GaAs IC SP3T antenna
switch operating in the 900 MHz and 1800 MHz
frequency bands. Switching between the antenna and
TX/RX ports is accomplished with 3 control inputs. When
the control inputs are driven with the appropriate voltages,
a low insertion loss path is provided from an antenna
port to an RX or TX port, while the other ports have
high attenuation.
Parameter
Frequency
Min.
Typ.
Max.
Unit
Insertion Loss
Ant-RF1, RF2, RF3
0.1–0.5 GHz
0.55
0.75
dB
0.5–1.0 GHz
0.60
0.80
dB
1.0–2.0 GHz
0.80
1.10
dB
Isolation
Ant-RF1, RF2, RF3
0.1–0.5 GHz
25
28
dB
0.5–1.0 GHz
22
25
dB
1.0–2.0 GHz
22
25
dB
Return Loss
Ant-RF1, RF2, RF3
0.1–0.5 GHz
18
dB
0.5–1.0 GHz
18
dB
1.0–2.0 GHz
14
dB
Electrical Specifications at 25°C (0, +2.75 V)
Preliminary
Parameter
Condition
Frequency
Min.
Typ.
Max.
Unit
2nd Harmonic
34 dBm In @ 2.75 V
1 GHz
72
dBc
3rd Harmonic
34 dBm In @ 2.75 V
1 GHz
65
dBc
2nd Harmonic
32 dBm In @ 2.75 V
2 GHz
70
dBc
3rd Harmonic
32 dBm In @ 2.75 V
2 GHz
65
dBc
Gate Leakage Current
34 dBm In @ 2.75 V
0.030
mA
Control Voltages
VHigh
-0.25
0
0.25
V
VLow
2.60
2.75
5.00
V
Operating Characteristics at 25°C (0, +2.75 V)


Similar Part No. - AS202-321

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS202-321 SKYWORKS-AS202-321 Datasheet
297Kb / 4P
PHEMT GaAs IC High-Power SP3T Switch LF-2 GHz
AS202-321LF SKYWORKS-AS202-321LF Datasheet
297Kb / 4P
PHEMT GaAs IC High-Power SP3T Switch LF-2 GHz
More results

Similar Description - AS202-321

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS169-73 ALPHA-AS169-73 Datasheet
40Kb / 2P
PHEMT GaAs IC SPDT Switch DC-2.5 GHz
AS182-73 ALPHA-AS182-73 Datasheet
39Kb / 2P
PHEMT GaAs IC SPDT Switch DC-2.5 GHz
AS195-306 ALPHA-AS195-306 Datasheet
419Kb / 2P
PHEMT GaAs IC High Power SP5T Switch 0.1-2 GHz
logo
Skyworks Solutions Inc.
AS172-73 SKYWORKS-AS172-73 Datasheet
49Kb / 2P
PHEMT GaAs IC Transfer Switch DC-2 GHz
AS218-321 SKYWORKS-AS218-321 Datasheet
189Kb / 4P
PHEMT GaAs IC High Power Transfer Switch DC-6 GHz
AS227-321 SKYWORKS-AS227-321 Datasheet
182Kb / 3P
PHEMT GaAs IC High Power SP3T Switch DC-2 GHz
AS227-321LF SKYWORKS-AS227-321LF Datasheet
237Kb / 4P
PHEMT GaAs IC High-Power SP3T Switch 300 kHz-2 GHz
AS195-306 SKYWORKS-AS195-306 Datasheet
216Kb / 4P
PHEMT GaAs IC High-Power SP5T Switch 0.1-2 GHz
AS197-306LF SKYWORKS-AS197-306LF Datasheet
364Kb / 5P
PHEMT GaAs IC High-Power SP2T and SP3T Switch 0.1-2.5 GHz
AS202-321 SKYWORKS-AS202-321 Datasheet
297Kb / 4P
PHEMT GaAs IC High-Power SP3T Switch LF-2 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com