Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS202-321 Datasheet(PDF) 2 Page - Alpha Industries

Part # AS202-321
Description  PHEMT GaAs IC High Power SP3T Switch DC-2 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AS202-321 Datasheet(HTML) 2 Page - Alpha Industries

  AS202-321 Datasheet HTML 1Page - Alpha Industries AS202-321 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PHEMT GaAs IC High Power SP3T Switch DC–2 GHz
AS202-321
2
Alpha Industries, Inc. [781] 935-5150
• Fax [978] 241-7906 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 8/01A
V1
RF1
N/C
V3
RF3
GND
CBL
CBL
Pin Out
Typical Performance Data (0, +2.75 V, CBL = 47 pF)
Insertion Loss vs. Frequency
Frequency (GHz)
-2.0
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2.0
0
0.5
1.0
1.5
2.0
2.5
3.0
Ant-RF1
Ant-RF2
Ant-RF3
Isolation vs. Frequency
Frequency (GHz)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
Ant-RF1
Ant-RF2
Ant-RF3
Return Loss vs. Frequency
Frequency (GHz)
-25
-20
-15
-10
-5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
Ant-RF1
Ant-RF2
Ant-RF3
2nd and 3rd Harmonics
vs. Control Voltage
0
10
20
30
40
50
60
70
80
90
2.0
2.5
3.0
3.5
4.0
4.5
Control Voltage (V)
2nd Harmonic
3rd Harmonic
V1
V2
V3
Ant-RF1
Ant-RF2
Ant-RF3
VHigh
VLow
VLow
Ins. Loss
Isolation
Isolation
VLow
VHigh
VLow
Isolation
Ins. Loss
Isolation
VLow
VLow
VHigh
Isolation
Isolation
Ins. Loss
Truth Table
VLow = 0–0.2 V.
VHigh = 2.75–5 V.
DC blocks required. CBL = 47 pF for operation >500 MHz.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com