Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7748 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP7748
Description  2x20W Stereo Single Ended Class D Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7748 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP7748 Datasheet HTML 10Page - Monolithic Power Systems MP7748 Datasheet HTML 11Page - Monolithic Power Systems MP7748 Datasheet HTML 12Page - Monolithic Power Systems MP7748 Datasheet HTML 13Page - Monolithic Power Systems MP7748 Datasheet HTML 14Page - Monolithic Power Systems MP7748 Datasheet HTML 15Page - Monolithic Power Systems MP7748 Datasheet HTML 16Page - Monolithic Power Systems MP7748 Datasheet HTML 17Page - Monolithic Power Systems MP7748 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
MP7748 – 2X20W STEREO SINGLE ENDED CLASS D AUDIO AMPLIFIER
MP7748 Rev. 1.0
www.MonolithicPower.com
14
1/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
Choosing the Output LC Filter
The Inductor-Capacitor (LC) filter converts the
pulse train at SW to the output voltage that drives
the speaker. There are two kinds of LC filter
structure depending on the output configuration.
LF
CF
COUT
SW1/2
RLOAD
Figure 3—SE Filter Configuration
LF1
LF2
CY1
CY2
CX
SW1
SW2
RLOAD
Figure 4—BTL Filter Configuration
Where:
2
F
1
F
F
L
L
L
+
=
,
2
Y
1
Y
2
Y
1
Y
X
F
C
C
C
C
C
C
+
×
+
=
,
2
F
1
F
L
L
=
;
2
Y
1
Y
C
C
=
The characteristic frequency of the LC filter
needs to be high enough to allow high frequency
audio to the output, yet needs to be low enough
to filter out high frequency products of the pulses
from SW. The characteristic frequency of the LC
filter is:
F
F
0
C
L
2
1
f
×
×
π
×
=
The quality factor (Q) of the LC filter is important.
If this is too low, output noise will increase, if this is
too high, then peaking may occur at high signal
frequencies reducing the passband flatness. The
circuit Q is set by the load resistance (speaker
resistance, typically 4Ω or 8Ω). The Q is
calculated as:
LOAD
LOAD
0F
0F
RR
Q
L2
f
L
==
ω×
π × ×
ω0 is the characteristic frequency in radians per
second and f0 is in Hz. Use an LC filter with Q
between 0.7 and 1.
The actual output ripple and noise is greatly
affected by the type of inductor and capacitor used
in the LC filter. Use a film capacitor and an
inductor with sufficient power handling capability
to supply the output current to the load. The
inductor
should
exhibit
soft
saturation
characteristics. If the inductor exhibits hard
saturation, it should operate well below the
saturation
current.
Gapped
ferrite,
MPP,
Powdered Iron, or similar type toroidal cores are
recommended. If open or shielded bobbin ferrite
cores are used for multi-channel designs, make
sure that the start windings of each inductor line
up (all starts going toward SW pin, or all starts
going toward the output) to prevent crosstalk or
other channel-to-channel interference.
Output Coupling Capacitor For SE Output
The output AC coupling capacitor COUT serves to
block DC voltages and thus passes only the
amplified AC signal from the LC filter to the load.
The combination of the coupling capacitor, COUT
and the load resistance results in a first-order
high-pass filter. The value of COUT should be
selected such that the required minimum
frequency is still allowed to pass. The output
corner frequency (-3dB point), fOUT, can be
calculated as:
OUT
LOAD
OUT
C
R
2
1
f
×
×
π
×
=
Set the output corner frequency (fOUT) at or below
the minimum required frequency.
The output coupling capacitor carries the full load
current, so a capacitor should be chosen such
that its ripple current rating is greater than the
maximum load current. Low ESR aluminum
electrolytic capacitors are recommended.
Input Coupling Capacitor
The input coupling capacitors CIN1 and CIN2 are
used to pass only the AC signal at the input. In a
typical system application, the source input signal
is typically centered around the circuit ground,
while the MP7748 input is at half the power
supply voltage (VDD/2). The input coupling
capacitor transmits the AC signal from the source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com