Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7748 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP7748
Description  2x20W Stereo Single Ended Class D Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7748 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP7748 Datasheet HTML 11Page - Monolithic Power Systems MP7748 Datasheet HTML 12Page - Monolithic Power Systems MP7748 Datasheet HTML 13Page - Monolithic Power Systems MP7748 Datasheet HTML 14Page - Monolithic Power Systems MP7748 Datasheet HTML 15Page - Monolithic Power Systems MP7748 Datasheet HTML 16Page - Monolithic Power Systems MP7748 Datasheet HTML 17Page - Monolithic Power Systems MP7748 Datasheet HTML 18Page - Monolithic Power Systems MP7748 Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
MP7748 – 2X20W STEREO SINGLE ENDED CLASS D AUDIO AMPLIFIER
MP7748 Rev. 1.0
www.MonolithicPower.com
17
1/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
YPICAL APPLICATION CIRCUIT
MP7748
BST1
SW1
BST2
SW2
REF1
2
3
4
10
9
CH1
INPUT
8
6
12
5
11
7
13
CH1
OUTPUT
CH2
OUTPUT
18,19
22,23
27,28
15,16
20,21
17
25,26
24
IN1
TIMER1
TIMER2
REF2
IN2
EN2
EN1
AGND2
UVP1
UVP2
AGND1
PGND2
VDD2
VDD
CBYP2
CBYP1
CVDDBYP
CF1
LF2
COUT2
CF2
CBS2
1uF
C
CFB1
RFB1
CH2
INPUT
EN
PGND1
VDD1
CFB2
RFB2
CIN2
RIN2
CIN1
RIN1
CR2
C
1000
INT2
CR1
CINT1
Figure 5—24V VDD Stereo SE Typical Application Circuit
MP7748
BST1
SW1
BST2
SW2
REF1
2
3
4
9
8
511
6
7
13
12
10
SP-
SP+
17
18, 19
25, 26
27, 28
20, 21
24
IN1
TIMER1
TIMER2
REF2
IN2
EN2
EN1
UVP1
UVP2
PGND2
CINT
1nF
CSN2
390pF
50V
CSN1
390pF
50V
RSN1
10
RSN2
10
CFB2
27pF
CFBX2
1pF
PGND1
VCC
SW2
U1
EN
VCC
SW1
SW2
SW1
INPUT+
CFBX1
1pF
CFB1
27pF
INPUT-
Figure 6—24V VDD mono BTL Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com