Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8726 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8726
Description  21V, 6A Peak Current, 500kHz Synchronous Step-down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8726 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8726 Datasheet HTML 1Page - Monolithic Power Systems MP8726 Datasheet HTML 2Page - Monolithic Power Systems MP8726 Datasheet HTML 3Page - Monolithic Power Systems MP8726 Datasheet HTML 4Page - Monolithic Power Systems MP8726 Datasheet HTML 5Page - Monolithic Power Systems MP8726 Datasheet HTML 6Page - Monolithic Power Systems MP8726 Datasheet HTML 7Page - Monolithic Power Systems MP8726 Datasheet HTML 8Page - Monolithic Power Systems MP8726 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MP8726 – 6A PEAK CURRENT, 21V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8726 Rev. 0.92
www.MonolithicPower.com
3
6/15/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current (Shutdown)
IIN
VEN = 0V
0
µA
Supply Current (Quiescent)
Iq
VEN = 2V, VFB = 1V
0.7
mA
HS Switch On Resistance
HSRDS-ON
120
mΩ
LS Switch On Resistance
LSRDS-ON
20
mΩ
Switch Leakage
SWLKG
VEN = 0V, VSW = 0V or
12V
0
10
µA
Current Limit
ILIMIT
7
A
Oscillator Frequency
FSW
VFB = 0.75V
425
500
575
kHz
Fold-back Frequency
FFB
VFB = 300mV
0.25
fSW
Maximum Duty Cycle
DMAX
VFB = 700mV
85
90
%
Sync Frequency Range
FSYNC
0.3
2
MHz
Feedback Voltage
VFB
789
805
821
mV
Feedback Current
IFB
VFB = 800mV
10
50
nA
EN Rising Threshold
VEN_RISING
1.1
1.3
1.6
V
EN Threshold Hysteresis
VEN_HYS
0.4
V
VEN = 2V
2
µA
EN Input Current
IEN
VEN = 0V
0
EN Turn Off Delay
ENTd-Off
5
µs
Power Good Rising Threshold
PGVth-Hi
0.9
VFB
Power Good Falling Threshold
PGVth-Lo
0.7
VFB
Power Good Delay
PGTd
20
µs
Power
Good
Sink
Current
Capability
VPG
Sink 4mA
0.4
V
Power Good Leakage Current
IPG_LEAK
VPG = 3.3V
10
nA
VIN
Under
Voltage
Lockout
Threshold Rising
INUVVth
3.8
4.0
4.2
V
VIN
Under
Voltage
Lockout
Threshold Hysteresis
INUVHYS
880
mV
VCC Regulator
VCC
5
V
VCC Load Regulation
Icc=5mA
5
%
Soft-Start Period
2
4
6.5
ms
Thermal Shutdown
TSD
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com