Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8726 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8726
Description  21V, 6A Peak Current, 500kHz Synchronous Step-down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8726 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8726 Datasheet HTML 1Page - Monolithic Power Systems MP8726 Datasheet HTML 2Page - Monolithic Power Systems MP8726 Datasheet HTML 3Page - Monolithic Power Systems MP8726 Datasheet HTML 4Page - Monolithic Power Systems MP8726 Datasheet HTML 5Page - Monolithic Power Systems MP8726 Datasheet HTML 6Page - Monolithic Power Systems MP8726 Datasheet HTML 7Page - Monolithic Power Systems MP8726 Datasheet HTML 8Page - Monolithic Power Systems MP8726 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP8726
21V, 6A Peak Current, 500kHz
Synchronous Step-down Converter
MP8726 Rev. 0.92
www.MonolithicPower.com
1
6/15/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8726 is a high frequency synchronous
rectified step-down switch mode converter with
built in internal power MOSFETs. It offers a
very compact solution to achieve 6A peak
output current over a wide input supply range
with excellent load and line regulation. The
MP8726 operates at high efficiency over a wide
output current load range.
Current mode operation provides fast transient
response and eases loop stabilization.
Full protection features include OCP and thermal
shut down.
The MP8726 requires a minimum number of
readily available standard external components
and is available in a space saving 3mm x 4mm
14-pin QFN package.
FEATURES
• Wide 4.5V to 21V Operating Input Range
• 6A Peak Output Current
• Low RDS(ON) Internal Power MOSFETs
• Proprietary
Switching
Loss
Reduction
Technique
• Fixed 500kHz Switching Frequency
• Sync from 300kHz to 2MHz External Clock
• Internal Compensation
• OCP Protection and Thermal Shutdown
• Output Adjustable from 0.8V
• Available in 14-pin QFN3x4 Package
APPLICATIONS
•
Notebook Systems and I/O Power
•
Networking Systems
•
Digital Set Top Boxes
•
Personal Video Recorders
•
Flat Panel Television and Monitors
•
Distributed Power Systems
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION (FOR NOTEBOOK)
Efficiency
VOUT=1.2V
OUTPUT CURRENT (A)
0
10
20
30
40
50
60
70
80
90
100
01
234
5
6
VIN=21V
VIN=12V
VIN=5V


Similar Part No. - MP8726

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8720 MPS-MP8720 Datasheet
685Kb / 23P
26V,10A, High Efficiency, Fast Transient, Synchronous, Buck Converter with adjustable CLM
MP8720GQ MPS-MP8720GQ Datasheet
685Kb / 23P
26V,10A, High Efficiency, Fast Transient, Synchronous, Buck Converter with adjustable CLM
MP8725 MPS-MP8725 Datasheet
342Kb / 14P
21V, 5A, 500kHz Synchronous Step-down Converter
MP8725EL MPS-MP8725EL Datasheet
342Kb / 14P
21V, 5A, 500kHz Synchronous Step-down Converter
More results

Similar Description - MP8726

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3485 EUTECH-EUP3485 Datasheet
71Kb / 1P
4A, 21V, 500KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7262E RICHTEK-RT7262E Datasheet
380Kb / 17P
2A, 21V 500kHz Synchronous Step-Down Converter
RT7263A RICHTEK-RT7263A Datasheet
454Kb / 17P
3A, 21V 500kHz Synchronous Step-Down Converter
RT8286 RICHTEK-RT8286 Datasheet
418Kb / 14P
2A, 21V 500kHz Synchronous Step-Down Converter
RT7264E RICHTEK-RT7264E Datasheet
380Kb / 17P
4A, 21V, 500kHz Synchronous Step-Down Converter
RT8288AZSP RICHTEK-RT8288AZSP Datasheet
330Kb / 14P
4A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8725 MPS-MP8725 Datasheet
342Kb / 14P
21V, 5A, 500kHz Synchronous Step-down Converter
MP28253 MPS-MP28253 Datasheet
373Kb / 15P
21V, 3A, 500kHz Synchronous Step-down Converter
MP28255 MPS-MP28255 Datasheet
484Kb / 14P
21V, 4A, 500kHz Synchronous Step-down Converter
MP28266 MPS-MP28266 Datasheet
284Kb / 14P
21V, 3A, 500kHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com