Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8762 Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP8762
Description  High Efficiency, 10A, 18V Synchronous Step-down Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8762 Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP8762 Datasheet HTML 16Page - Monolithic Power Systems MP8762 Datasheet HTML 17Page - Monolithic Power Systems MP8762 Datasheet HTML 18Page - Monolithic Power Systems MP8762 Datasheet HTML 19Page - Monolithic Power Systems MP8762 Datasheet HTML 20Page - Monolithic Power Systems MP8762 Datasheet HTML 21Page - Monolithic Power Systems MP8762 Datasheet HTML 22Page - Monolithic Power Systems MP8762 Datasheet HTML 23Page - Monolithic Power Systems MP8762 Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
MP8762 ― 10A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8762 Rev. 1.4
www.MonolithicPower.com
20
11/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
In the case of POSCAP capacitors, the ESR
dominates the impedance at the switching
frequency. The ramp voltage generated from the
ESR is high enough to stabilize the system.
Therefore, an external ramp is not needed. A
minimum ESR value around 12mΩ is required to
ensure stable operation of the converter. For
simplification,
the
output
ripple
can
be
approximated as:
ESR
IN
OUT
SW
OUT
OUT
R
)
V
V
1
(
L
F
V
V
×
−
×
×
=
Δ
(26)
Inductor
The inductor is required to supply constant
current to the output load while being driven by
the switching input voltage. A larger value
inductor will result in less ripple current and lower
output ripple voltage. However, a larger value
inductor will have a larger physical size, higher
series resistance, and/or lower saturation current.
A good rule for determining the inductor value is
to allow the peak-to-peak ripple current in the
inductor to be approximately 30~40% of the
maximum switch current limit. Also, make sure
that the peak inductor current is below the
maximum switch current limit. The inductance
value can be calculated as:
)
V
V
1
(
I
F
V
L
IN
OUT
L
SW
OUT
−
×
Δ
×
=
(27)
Where ΔIL is the peak-to-peak inductor ripple
current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor current can be calculated as:
)
V
V
1
(
L
F
2
V
I
I
IN
OUT
SW
OUT
OUT
LP
−
×
×
×
+
=
(28)
The inductors listed in Table 1 are highly
recommended for the high efficiency they can
provide.
Table 1—Inductor Selection Guide
Part Number
Manufacturer
Inductance
(µH)
DCR
(mΩ)
Current
Rating (A)
Dimensions
L x W x H (mm
3)
Switching
Frequency
(kHz)
PCMC-135T-R68MF
Cyntec
0.68
1.7
34
13.5 x 12.6 x 4.8
600
FDA1254-1R0M
TOKO
1
2
25.2
13.5 x 12.6 x 5.4
300~600
FDA1254-1R2M
TOKO
1.2
2.05
20.2
13.5 x 12.6 x 5.4
300~600
Typical Design Parameter Tables
The following tables include recommended
component values for typical output voltages (1V,
2.5V, 3.3V) and switching frequencies (300kHz,
500kHz, and 800kHz). Refer to Tables 2-4 for
design
cases
without
external
ramp
compensation and Tables 5-7 for design cases
with external ramp compensation. External ramp
is not needed when high-ESR capacitors, such
as electrolytic or POSCAPs are used. External
ramp is needed when low-ESR capacitors, such
as ceramic capacitors are used. For cases not
listed in this datasheet, a calculator in excel
spreadsheet can also be requested through a
local sales representative to assist with the
calculation.
Table 2—FSW=300kHz, VIN=12V
VOUT
(V)
L
(μH)
R1
(kΩ)
R2
(kΩ)
R7
(kΩ)
1
2.2
17.4
26.1
604
2.5
2.2
45.3
14.3
1500
3.3
2.2
47
10.5
2000
Table 3—FSW=500kHz, VIN=12V
VOUT
(V)
L
(μH)
R1
(kΩ)
R2
(kΩ)
R7
(kΩ)
1
1
17.4
26.1
357
2.5
1
45.3
14.3
887
3.3
1
47
10.5
1200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com