Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8762 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP8762
Description  High Efficiency, 10A, 18V Synchronous Step-down Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8762 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP8762 Datasheet HTML 12Page - Monolithic Power Systems MP8762 Datasheet HTML 13Page - Monolithic Power Systems MP8762 Datasheet HTML 14Page - Monolithic Power Systems MP8762 Datasheet HTML 15Page - Monolithic Power Systems MP8762 Datasheet HTML 16Page - Monolithic Power Systems MP8762 Datasheet HTML 17Page - Monolithic Power Systems MP8762 Datasheet HTML 18Page - Monolithic Power Systems MP8762 Datasheet HTML 19Page - Monolithic Power Systems MP8762 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
MP8762 ― 10A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8762 Rev. 1.4
www.MonolithicPower.com
16
11/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
If the MP8762 doesn’t work, the PG pin is also
pulled low even though this pin is tied to an
external DC source through a pull-up resistor(e.g.
100k).
Over-Current Protection (OCP)
The MP8762 features three current limit levels for
over-current conditions: high-side peak current
limit, low-side valley current limit and low-side
negative current limit.
High-side peak current limit: MP8762 has cycle-
by-cycle over-current limiting function. During
HS-FET ON state, the inductor current is
monitored. When the sensed inductor current hits
the peak current limit, the HS limit comparator
(shown in Figure 1) turns over, the device enters
over-current protection mode immediately, turns
off HS-FET and turns on LS-FET.
Low-side valley current limit: During LS-FET ON
state, the inductor current is also monitored. At
the end of OFF time, the LS-FET sourcing
current is compared to the internal positive valley
current limit. If the LS-FET sourcing current is
exceeded the valley current limit, the HS-FET is
not turned on and the LS-FET keeps on for the
next ON time. Until the LS-FET sourcing current
is below the valley current limit the HS-FET is
turned on again.
During over-current protection, the device tries to
recover from over-current fault with hiccup mode,
that means the chip will disable output power
stage,
discharge
soft-start
cap
and
then
automatically try to soft-start again. If the over-
current condition still holds after soft-start ends,
the device repeats this operation cycle till over-
current conditions disappear and then output
rises back to regulation level. So the OCP is non-
latch protection.
Low-side negative current limit: If the LS-FET
sensed negative current exceeds the negative
current limit, e.g. over-voltage protection (OVP)
the LS-FET is turned off immediately for the the
rest of OFF time. In this situation, both MOSFETs
are off until the end of a fixed interval. The body
diode of HS-FET conducts the inductor current
for the fixed time.
Over -voltage Protection (OVP)
The MP8762 monitors the output voltage through
a resistor divider feedback (FB) voltage to detect
over-voltage on the output.
If the FB voltage is higher than nominal REF
voltage but lower than 120% of the REF voltage
(0.611V), both MOSFETs are off,
When the FB voltage is higher than 120% but
lower than 130% of the REF voltage, the LS-FET
will be turned on while the HS-FET keeps off.
The LS-FET keeps on until the FB voltage drops
below 110% of the REF voltage or the low-side
negative current limit is trigged.
If the FB voltage is higher than 130% of the REF
voltage, then the device is latched off. Cycling
the input power supply or EN is needed to restart.
UVLO protection
The
MP8762
has
under-voltage
lock-out
protection (UVLO). When the VCC voltage is
higher than the UVLO rising threshold voltage,
the MP8762 will be powered up. It shuts off when
the VCC voltage is lower than the UVLO falling
threshold voltage. This is non-latch protection.
The MP8762 is disabled when the VCC voltage
falls below 3.3 V. If an application requires a
higher under-voltage lockout (UVLO), use the EN
pin as shown in Figure 9 to adjust the startup
input voltage by using two external resistors. It is
recommended to use the enable resistors to set
the input voltage falling threshold (VSTOP) above
3.6 V. The rising threshold (VSTART) should be set
to provide enough hysteresis to allow for any
input supply variations.
EN Comparator
RUP
RDOWN
IN
EN
Figure 9—Adjustable UVLO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com