Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8762GL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8762GL
Description  High Efficiency, 10A, 18V Synchronous Step-down Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8762GL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8762GL Datasheet HTML 1Page - Monolithic Power Systems MP8762GL Datasheet HTML 2Page - Monolithic Power Systems MP8762GL Datasheet HTML 3Page - Monolithic Power Systems MP8762GL Datasheet HTML 4Page - Monolithic Power Systems MP8762GL Datasheet HTML 5Page - Monolithic Power Systems MP8762GL Datasheet HTML 6Page - Monolithic Power Systems MP8762GL Datasheet HTML 7Page - Monolithic Power Systems MP8762GL Datasheet HTML 8Page - Monolithic Power Systems MP8762GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
MP8762
High Efficiency, 10A, 18V
Synchronous Step-down Converter
MP8762 Rev. 1.4
www.MonolithicPower.com
1
11/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8762 is a fully integrated high frequency
synchronous rectified step-down switch mode
converter. It offers a very compact solution to
achieve 10A output current over a wide input
supply range with excellent load and line
regulation. The MP8762 operates at high
efficiency over a wide output current load range.
The MP8762 adopts Constant-On-Time (COT)
control mode that provides fast transient
response and eases loop stabilization.
Operation frequency can be programmed easily
from 200kHz to 1MHz by an external resistor
and keeps nearly constant as input supply
varies by the feedforward compensation.
Under voltage lockout is internally set at 4.1V,
but can be increased by programming the
threshold with a resistor network on the enable
pin. The output voltage startup ramp is
controlled by the soft start pin. An open drain
power good signal indicates the output is within
its nominal voltage range.
Full integrated protection features include OCP,
OVP and thermal shutdown.
The MP8762 requires a minimum number of
readily available standard external components
and are available in QFN 3X4 package.
FEATURES
• 2.5V to 5V Operating Input Range with
External 5V Bias
• 4.5V to 18V Operating Input Range with
Internal Bias
• 10A Output Current
• Low RDS(ON) Internal Power MOSFETs
• Proprietary Switching Loss Reduction
Technique
• Adaptive COT for Ultrafast Transient
Response
• 1.5% Reference Voltage Over -40°C to
+125
°C Junction Temperature Range
• Programmable Soft Start Time
• Pre-Bias Start up
• Programmable Switching Frequency from
200kHz to 1MHz
• Non-latch OCP, OVP Protection and
Thermal Shutdown
• Output Adjustable from 0.611V to 13V
APPLICATIONS
Set-top Boxes
XDSL Modem/DSLAM
Small-cell Base Stations
Personal Video Recorders
Flat Panel Television and Monitors
Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
IN
FREQ
VCC
EN
PGND
BST
FB
SW
MP8762
VIN
ON/OFF
C1
RFREQ
C5
C3
L1
R4
C4
R1
R2
C2
R3
PG
AGND
SS
VOUT
C6


Similar Part No. - MP8762GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8762H MPS-MP8762H Datasheet
2Mb / 36P
High Efficiency, 10A, 18V Synchronous Step-down Converter
MP8762HGLE MPS-MP8762HGLE Datasheet
2Mb / 36P
High Efficiency, 10A, 18V Synchronous Step-down Converter
More results

Similar Description - MP8762GL

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9384 BELLING-BL9384 Datasheet
289Kb / 6P
3A, 18V High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8760 MPS-MP8760 Datasheet
914Kb / 24P
High Efficiency, 6A, 18V, Synchronous, Step-Down Converter
logo
ACE Technology Co., LTD...
ACE729E ACE-ACE729E Datasheet
391Kb / 8P
3A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
Monolithic Power System...
MPQ8636A-10 MPS-MPQ8636A-10 Datasheet
1Mb / 22P
High Efficiency, 10A, 18V Synchronous, Step-Down Converter
MPQ8636GV MPS-MPQ8636GV Datasheet
718Kb / 24P
High Efficiency, 20A, 18V Synchronous, Step-Down Converter
MP8758 MPS-MP8758 Datasheet
867Kb / 21P
High Efficiency, 10A, 18V Synchronous, Step-Down Converter
MP8762H MPS-MP8762H Datasheet
2Mb / 36P
High Efficiency, 10A, 18V Synchronous Step-down Converter
MP8763 MPS-MP8763 Datasheet
1Mb / 24P
High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1483B ETA-ETA1483B Datasheet
238Kb / 1P
2.5A, 18V High Efficiency Synchronous Step-Down Converter
ETA1486 ETA-ETA1486 Datasheet
218Kb / 1P
4A, 18V High Efficiency Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com