Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8762GL Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP8762GL
Description  High Efficiency, 10A, 18V Synchronous Step-down Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8762GL Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP8762GL Datasheet HTML 11Page - Monolithic Power Systems MP8762GL Datasheet HTML 12Page - Monolithic Power Systems MP8762GL Datasheet HTML 13Page - Monolithic Power Systems MP8762GL Datasheet HTML 14Page - Monolithic Power Systems MP8762GL Datasheet HTML 15Page - Monolithic Power Systems MP8762GL Datasheet HTML 16Page - Monolithic Power Systems MP8762GL Datasheet HTML 17Page - Monolithic Power Systems MP8762GL Datasheet HTML 18Page - Monolithic Power Systems MP8762GL Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
MP8762 ― 10A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8762 Rev. 1.4
www.MonolithicPower.com
15
11/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
reasonable that the jitter in the skip mode is
larger. If one wants a system with less jitter
during ultra light load condition, the values of the
VFB resistors should not be too big, however, that
will decrease the light load efficiency.
Configuring the EN Control
En high to turn on the regulator and EN low to
turn it off. Do not float the pin.
For automatic start-up the EN pin can be pulled
up to input voltage through a resistive voltage
divider. Choose the values of the pull-up resistor
(RUP from VIN pin to EN pin) and the pull-down
resistor(RDOWN from EN pin to GND) to determine
the automatic start-up voltage:
)
V
(
R
)
R
R
(
45
.
1
V
DOWN
DOWN
UP
START
IN
+
×
=
−
(11)
For example, for RUP=100kΩ and RDOWN=51kΩ,
the VIN-START is set at 4.29V.
To avoid noise, a 10nF ceramic capacitor from
EN to GND is recommended.
There is an internal zener diode on the EN pin,
which clamps the EN pin voltage to prevent it
from running away. The maximum pull up current
assuming a worst case 6V internal zener clamp
should be less than 1mA.
Therefore, when EN is driven by an external logic
signal, the EN voltage should be lower than 6V;
when EN is connected with VIN through a pull-up
resistor or a resistive voltage divider, the
resistance selection should ensure the maximum
pull up current less than 1mA.
If using a resistive voltage divider and VIN higher
than 6V, the allowed minimum pull-up resistor
RUP should meet the following equation:
IN
UP
DOWN
V6V
6V
1mA
RR
−
−≤
(12)
Especially, just using the pull-up resistor RUP (the
pull-down resistor is not connected), the VIN-START
is determined by VCC UVLO, and the minimum
resistor value is:
IN
UP
V6V
R( )
1mA
−
≥Ω
(13)
A typical pull-up resistor is 100kΩ.
Soft Start
The MP8762 employs soft start (SS) mechanism
to ensure smooth output during power-up. When
the EN pin becomes high, an internal current
source (20μA) charges up the SS capacitor. The
SS capacitor voltage takes over the REF voltage
to the PWM comparator. The output voltage
smoothly ramps up with the SS voltage. Once the
SS voltage reaches the same level as the REF
voltage, it keeps ramping up while VREF takes
over the PWM comparator. At this point, the soft
start finishes and it enters into steady state
operation.
The SS capacitor value can be determined as
follows:
()
( )
( )
()
×μ
= SS
SS
SS
REF
Tms
I
A
CnF
VV
(14)
If the output capacitors have large capacitance
value, it’s not recommended to set the SS time
too small. Otherwise, it’s easy to hit the current
limit during SS. A minimum value of 4.7nF should
be used if the output capacitance value is larger
than 330μF.
Pre-Bias Startup
The MP8762 has been designed for monotonic
startup into pre-biased loads. If the output is pre-
biased to a certain voltage during startup, the IC
will disable the switching of both high-side and
low-side switches until the voltage on the soft-
start capacitor exceeds the sensed output
voltage at the FB pin.
Power Good (PG)
The MP8762 have power-good (PG) output. The
PG pin is the open drain of a MOSFET. It should
be connected to VCC or other voltage source
that is less 5.5V through a pull-up resistor (e.g.
100k). After the input voltage is applied, the
MOSFET is turned on so that the PG pin is pulled
to GND before SS is ready. After FB voltage
reaches 91% of REF voltage, the PG pin is
pulled high after a 2.5ms delay.
When the FB voltage drops to 80% of REF
voltage or exceeds 120% of the nominal REF
voltage, the PG pin will be pulled low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com