Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP26053 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP26053
Description  28V, 1A Li-Ion/Li-Polymer Battery Charger With 10% Battery-Full Threshold, Trickle Charge and Timer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26053 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP26053 Datasheet HTML 3Page - Monolithic Power Systems MP26053 Datasheet HTML 4Page - Monolithic Power Systems MP26053 Datasheet HTML 5Page - Monolithic Power Systems MP26053 Datasheet HTML 6Page - Monolithic Power Systems MP26053 Datasheet HTML 7Page - Monolithic Power Systems MP26053 Datasheet HTML 8Page - Monolithic Power Systems MP26053 Datasheet HTML 9Page - Monolithic Power Systems MP26053 Datasheet HTML 10Page - Monolithic Power Systems MP26053 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MP26053 – 28V, 1A LINEAR BATTERY CHARGER WITH TRICKLE CHARGE AND TIMER
MP26053 Rev. 0.9
www.MonolithicPower.com
7
8/25/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
OPERATION
Input Voltage Range
The MP26053 has built-in input voltage surge
protection as high as +28V. The charger IC will
be automatically disabled when the input
voltage is lower than 3.0V or higher than 7.0V.
The open-drain pin ACOK is used to indicate
an
input
power
good
condition
(i.e.
3.0V<VIN<7.0V). If the input voltage is lower
than the battery voltage, the IC is also disabled
to prevent the battery from draining.
Charge Cycle (Mode Change: Trickle -> CC->
CV)
Figure 2 shows the typical charging profile for
the MP26053. For a fully depleted battery with a
terminal voltage lower than 2.6V, the MP26053
will
start
with
the
trickle
charge
(preconditioning) at 10% of the full charge
current based on the value of RCHG. If the
charger stays in trickle mode longer than 32768
cycles,
CHG
becomes
high
impedance,
indicating a battery fault. After the battery
voltage reaches 2.6V, the charger begins
charging using the programmed charge current
(ICHG).This is referred to as Constant Current
(CC) mode. Once the battery voltage reaches
4.2V, the charger will operate in the constant
voltage (CV) mode until the battery is fully
charged. The charge current drops during CV
mode, and the battery full indication is set when
the charge current is reduced to 10% of the
programmed constant current value (ICHG). The
charge process is then terminated. Recharge
will start after the battery voltage is reduced to
4.0V. After 262144 cycles of continuous
charging, if the battery still has not reached
10% of the ICHG condition, the on-chip timer will
terminate the charger to prevent charging the
dead battery excessively and the fault condition
will be flagged by flashing the CHG LED.
Charge Termination
The charge current will gradually decrease in
CV mode as the battery approaches full. The
battery full threshold is internally programmed
to be 10% of the ICHG. When the charge current
reaches this threshold, the charger IC will be
automatically turned off.
2.6V
4.2V
VBATT
10% of ICHG
Trickle
Charging
CC
Charging
Charging
Complete
CV
Charging
ICHG
IBATT
Figure 2—MP26053 Typical Charging Profile
Automatic Recharge
When VBATT drops to 4.0V, the charger will
automatically restart the charge cycle until the
10% ICHG condition is met again. When the input
adapter is unplugged, or the charger is disabled
and/or terminated, the leakage current from the
battery to the MP26053 is less than 1uA.
Programming of Charge Current and Battery
Full Current
The charge current (ICHG) is set by a resistor
(RCHG) connected from the ISET pin to GND.
The relationship between the charge current
and the programming resistance is established
by the following table and graph.
Table 1—RCHG and ICHG Relationship
RCHG (kΩ)
ICHG (mA)
1.65
1000
1.82
900
2.05
800
2.32
700
2.74
600
3.3
500
4.12
400
5.6
300
8.45
200
15
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com