Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP26053 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP26053
Description  28V, 1A Li-Ion/Li-Polymer Battery Charger With 10% Battery-Full Threshold, Trickle Charge and Timer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26053 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP26053 Datasheet HTML 3Page - Monolithic Power Systems MP26053 Datasheet HTML 4Page - Monolithic Power Systems MP26053 Datasheet HTML 5Page - Monolithic Power Systems MP26053 Datasheet HTML 6Page - Monolithic Power Systems MP26053 Datasheet HTML 7Page - Monolithic Power Systems MP26053 Datasheet HTML 8Page - Monolithic Power Systems MP26053 Datasheet HTML 9Page - Monolithic Power Systems MP26053 Datasheet HTML 10Page - Monolithic Power Systems MP26053 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MP26053 – 28V, 1A LINEAR BATTERY CHARGER WITH TRICKLE CHARGE AND TIMER
MP26053 Rev. 0.9
www.MonolithicPower.com
8
8/25/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
Charge Current vs.
1/RCHG
1000
900
800
700
600
500
400
300
200
0
0.2
0.1
0.3 0.4
0.6 0.7
0.5
Figure 3—Charge Current vs. 1/RCHG
Resistance
The recommended resistance for programming
the charge current is 2.3kΩ<RCHG<11kΩ. The
open-drain pin CHG is used to indicate
charging status. When the battery full condition
is met or any other condition prevents the
charger from charging, CHG will become a
floating pin.
Timer Operation
The TMR pin is used to set the internal
oscillator frequency,
OSC
TMR
F
F11Hz
C
µ
=×
. The
on-chip timer will start to count down after initial
power-up or every time it is enabled. This timer
will limit the max trickle-charge time to 32768
internal oscillating cycles. If the charger stays in
trickle mode for longer than 32768 cycles, it will
be terminated and a fault will be set by floating
CHG
pin. After fault reporting, the charger can
be re-initiated only by recycling the power
supply or SHDN signal. If the charger
successfully goes through trickle charge within
the allowed time limit, it will start CC charging
and then CV charging. If the total charge time
exceeds 262144 cycles and the battery full has
not been qualified, the charger will be
terminated and a fault will also be set by
flashing CHG pin at the rate of half the internal
oscillation frequency. This function prevents
charging a dead battery for prolonged duration.
The timer function can be disabled by shorting
TMR to ground.
Charger Status Indication
SHDN = High Vin
Fault
Battery Full
Time out Fault Ambient Temperature Fault
In Charging
CHG
HIGH
HIGH
Toggle
HIGH
LOW
ACOK
is LOW while 3.0V<VIN<7V, otherwise it is HIGH.
Negative Thermal Coefficient (NTC) Thermistor
The MP26053 has a built-in NTC resistance
window comparator. If configured as the typical
application circuit as indicated in Figure 1, the
MP26053 will cease charging if RNTC<4.161kΩ
or RNTC>27.285kΩ. This represents a valid
charging temperature range of 0°C to 50°C for
the EWTF03-103 J31 H NTC resistor.
Thermal Protection
The
MP26053
has
proprietary
thermal
protection to prevent the IC from overheating.
When in thermal protection mode, the average
charge current will be reduced to prevent the IC
from
overheating.
Operating
in
thermal
protection mode will slow down the charging
process. Lowering the input voltage and
enhancing
thermal
dissipation
to
the
environment can effectively prevent the IC from
going into thermal protection mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com