Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD667 Datasheet(PDF) 6 Page - Analog Devices

Part # AD667
Description  Microprocessor-Compatible 12-Bit D/A Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD667 Datasheet(HTML) 6 Page - Analog Devices

  AD667 Datasheet HTML 1Page - Analog Devices AD667 Datasheet HTML 2Page - Analog Devices AD667 Datasheet HTML 3Page - Analog Devices AD667 Datasheet HTML 4Page - Analog Devices AD667 Datasheet HTML 5Page - Analog Devices AD667 Datasheet HTML 6Page - Analog Devices AD667 Datasheet HTML 7Page - Analog Devices AD667 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD667
REV. A
–6–
Small resistors may be added to the feedback resistors in order
to accomplish small modifications in the scaling. For example, if
a 10.24 V full scale is desired, a 140
Ω 1% low TC metal-film
resistor can be added in series with the internal (nominal) 5k
feedback resistor, and the gain trim potentiometer (between
Pins 6 and 7) should be increased to 200
Ω. In the bipolar
mode, increase the value of the bipolar offset trim potentiometer
also to 200
Ω.
GROUNDING RULES
The AD667 brings out separate analog and power grounds to
allow optimum connections for low noise and high speed perfor-
mance. These grounds should be tied together at one point,
usually the device power ground. The separate ground returns
are provided to minimize current flow in low level signal paths.
The analog ground at Pin 5 is the ground point for the output
amplifier and is thus the “high quality” ground for the AD667;
it should be connected directly to the analog reference point of
the system. The power ground at Pin 16 can be connected to
the most convenient ground point; analog power return is
preferred. If power ground contains high frequency noise be-
yond 200 mV, this noise may feed through the converter, thus
some caution will be required in applying these grounds.
It is also important to apply decoupling capacitors properly on
the power supplies for the AD667 and the output amplifier. The
correct method for decoupling is to connect a capacitor from
each power supply pin of the AD667 to the analog ground pin
of the AD667. Any load driven by the output amplifier should
also be referred to the analog ground pin.
OPTIMIZING SETTLING TIME
The dynamic performance of the AD667’s output amplifier can
be optimized by adding a small (20 pF) capacitor across the
feedback resistor. Figure 4 shows the improvement in both
large-signal and small-signal settling for the 10 V range. In Fig-
ure 4a, the top trace shows the data inputs (DB11–DB0 tied to-
gether), the second trace shows the CS pulse (A3–A0 tied low),
and the lower two traces show the analog outputs for CF = 0 pF
and 20 pF respectively.
Figures 4b and 4c show the settling time for the transition from
all bits on to all bits off. Note that the settling time to
±1/2 LSB
for the 10 V step is improved from 2.4 microseconds to 1.6 mi-
croseconds by the addition of the 20 pF capacitor.
Figures 4d and 4e show the settling time for the transition from
all bits off to all bits on. The improvement in settling time
gained by adding CC = 20 pF is similar.
a. Large Scale Settling
b. Fine-Scale Settling, CF = 0 pF
c. Fine-Scale Settling, CF = 20 pF
d. Fine-Scale Settling, CF = 0 pF
e. Fine-Scale Settling, CF = 20 pF
Figure 4. Settling Time Performance
DIGITAL CIRCUIT DETAILS
The bus interface logic of the AD667 consists of four indepen-
dently addressable registers in two ranks. The first rank consists
of three four-bit registers which can be loaded directly from a
4-, 8-, 12-, or 16-bit microprocessor bus. Once the complete
12-bit data word has been assembled in the first rank, it can be
loaded into the 12-bit register of the second rank. This
double-buffered organization avoids the generation of spurious
analog output values. Figure 5 shows the block diagram of the
AD667 logic section.
The latches are controlled by the address inputs, A0–A3, and
the CS input. All control inputs are active low, consistent with
general practice in microprocessor systems. The four address
lines each enable one of the four latches, as indicated in Table II.
All latches in the AD667 are level-triggered. This means that
data present during the time when the control signals are valid
will enter the latch. When any one of the control signals returns
high, the data is latched.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com