Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD667 Datasheet(PDF) 8 Page - Analog Devices

Part # AD667
Description  Microprocessor-Compatible 12-Bit D/A Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD667 Datasheet(HTML) 8 Page - Analog Devices

  AD667 Datasheet HTML 1Page - Analog Devices AD667 Datasheet HTML 2Page - Analog Devices AD667 Datasheet HTML 3Page - Analog Devices AD667 Datasheet HTML 4Page - Analog Devices AD667 Datasheet HTML 5Page - Analog Devices AD667 Datasheet HTML 6Page - Analog Devices AD667 Datasheet HTML 7Page - Analog Devices AD667 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD667
REV. A
–8–
Right-justified data can be similarly accommodated. The over-
lapping of data lines is reversed, and the address connections
are slightly different. The AD667 still occupies two adjacent
locations in the processor’s memory map. In the circuit of Fig-
ure 9, location X01 loads the 8 LSBs and location X10 loads
the 4 MSBs and updates the output.
Figure 9. Right-Justified 8-Bit Bus Interface
USING THE AD667 WITH 12- AND 16-BIT BUSES
The AD667 is easily interfaced to 12- and 16-bit data buses. In
this operation, all four address lines (A0 through A3) are tied
low, and the latch is enabled by CS going low. The AD667 thus
occupies a single memory location.
This configuration uses the first and second rank registers
simultaneously. The CS input can be driven from an active-low
decoded address. It should be noted that any data bus activity
during the period when CS is low will cause activity at the
AD667 output. If data is not guaranteed stable during this
period, the second rank register can be used to provide double
buffering.
Figure 10. Connections for 12- and 16-Bit Bus Interface
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
28-Contact LCC (E)
28-Terminal Plastic Leaded
Chip Carrier (P)
28-Pin Ceramic DIP (D)
28-Pin Plastic DIP (N)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com