Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6640 Datasheet(PDF) 4 Page - Analog Devices

Part # AD6640
Description  12-Bit, 65 MSPS IF Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6640 Datasheet(HTML) 4 Page - Analog Devices

  AD6640 Datasheet HTML 1Page - Analog Devices AD6640 Datasheet HTML 2Page - Analog Devices AD6640 Datasheet HTML 3Page - Analog Devices AD6640 Datasheet HTML 4Page - Analog Devices AD6640 Datasheet HTML 5Page - Analog Devices AD6640 Datasheet HTML 6Page - Analog Devices AD6640 Datasheet HTML 7Page - Analog Devices AD6640 Datasheet HTML 8Page - Analog Devices AD6640 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD6640
–4–
REV. A
ABSOLUTE MAXIMUM RATINGS
1
Parameter
Min
Max
Unit
ELECTRICAL
AVCC Voltage
0
7
V
DVCC Voltage
0
7
V
Analog Input Voltage
0
AVCC V
Analog Input Current
25
mA
Digital Input Voltage (ENCODE)
0
5
V
Digital Output Current
–10
+10
mA
ENVIRONMENTAL
2
Operating Temperature Range
(Ambient)
–40
+85
°C
Maximum Junction Temperature
150
°C
Lead Temperature (Soldering, 10 sec)
300
°C
Storage Temperature Range (Ambient) –65
+150
°C
NOTES
1Absolute maximum ratings are limiting values to be applied individually and
beyond which the serviceability of the circuit may be impaired. Functional
operability is not necessarily implied. Exposure to absolute maximum rating
conditions for an extended period of time may affect device reliability.
2Typical thermal impedances (44-lead LQFP);
θ
JA = 55
°C/W.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD6640AST
–40
°C to +85°C (Ambient)
44-Lead Plastic Quad Flatpack (LQFP)
ST-44
AD6640ST/PCB
Evaluation Board with AD6640AST
EXPLANATION OF TEST LEVELS
Test Level
I–
100% production tested.
II
–
100% production tested at +25
°C and sample tested at
specified temperatures. AC testing done on sample basis.
III –
Sample tested only.
IV –
Parameter is guaranteed by design and characterization
testing.
V–
Parameter is a typical value only.
VI –
All devices are 100% production tested at +25
°C; sample
tested at temperature extremes.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD6640 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com