Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6640 Datasheet(PDF) 9 Page - Analog Devices

Part # AD6640
Description  12-Bit, 65 MSPS IF Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6640 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD6640 Datasheet HTML 5Page - Analog Devices AD6640 Datasheet HTML 6Page - Analog Devices AD6640 Datasheet HTML 7Page - Analog Devices AD6640 Datasheet HTML 8Page - Analog Devices AD6640 Datasheet HTML 9Page - Analog Devices AD6640 Datasheet HTML 10Page - Analog Devices AD6640 Datasheet HTML 11Page - Analog Devices AD6640 Datasheet HTML 12Page - Analog Devices AD6640 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD6640
–9–
REV. A
FREQUENCY – MHz
0
60
100
dc
32.5
6.5
13.0
19.5
26.0
40
80
20
120
ENCODE = 65MSPS
AIN = 15.0MHz, 16.0MHz
NO DITHER
TPC 7. Two Tones at 15.0 MHz and 16.0 MHz
ANALOG INPUT POWER LEVEL – dBFS
100
0
–80
0
–70
–60
–50
–40
–30
–20
–10
90
60
40
20
10
80
70
50
30
ENCODE = 65MSPS
AIN = 31.0MHz
dBFS
dBc
SFDR = 80dB
REFERENCE LINE
TPC 8. Single Tone SFDR
INPUT POWER LEVEL (F1 = F2) – dBFS
100
0
–80
0
–70
–60
–50
–40
–30
–20
–10
90
60
40
20
10
80
70
50
30
ENCODE = 65MSPS
F1 = 15.0MHz
F2 = 16.0MHz
SFDR = 80dB
REFERENCE LINE
dBFS
dBc
TPC 9. Two Tone SFDR
SAMPLE RATE – MSPS
dc
80
8
16
24
32
40
48
56
64
72
80
70
65
60
75
AIN = 19.5MHz
SNR
WORST SPUR
85
TPC 10. SNR, Worst Spurious vs. ENCODE
ENCODE DUTY CYCLE – %
25
75
30
35
40
45
50
55
60
65
70
90
65
55
45
75
85
80
70
60
50
40
35
30
ENCODE = 65MSPS
AIN = 2.2MHz
WORST SPUR
SNR
TPC 11. SNR, Worst Spurious vs. Duty Cycle
ENCODE POWER – dBm
–15
15
–12
–9
–6
–3
0
3
6
9
12
90
65
55
45
75
85
80
70
60
50
40
35
30
ENCODE = 65MSPS
WORST SPUR
SNR
2.2MHz
2.2MHz
69MHz
69MHz
TPC 12. SNR, Worst Spurious vs. ENCODE Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com