Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5145H Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # AS5145H
Description  12-Bit Programmable Magnetic Rotary Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS5145H Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button AS5145H Datasheet HTML 18Page - List of Unclassifed Manufacturers AS5145H Datasheet HTML 19Page - List of Unclassifed Manufacturers AS5145H Datasheet HTML 20Page - List of Unclassifed Manufacturers AS5145H Datasheet HTML 21Page - List of Unclassifed Manufacturers AS5145H Datasheet HTML 22Page - List of Unclassifed Manufacturers AS5145H Datasheet HTML 23Page - List of Unclassifed Manufacturers AS5145H Datasheet HTML 24Page - List of Unclassifed Manufacturers AS5145H Datasheet HTML 25Page - List of Unclassifed Manufacturers AS5145H Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
www.ams.com/AS5145
Revision 1.17
22 - 36
AS5145
Datasheet - Application In form atio n
9.1.6 Redundant Programming Option
In addition to the regular programming, a redundant programming option is available. This option allows that one selectable OTP bit can be set
to “1” (programmed state) by writing the location of that bit into a 5-bit address decoder. This address can be stored in bits RA4...RA0 in the OTP
user settings.
Example: setting RA4…0 to “00001” will select bit 51 = PWhalfEN_Indexwidth, “00010” selects bit 50 = MagCompEN, “10010” selects bit 34
=CCW, etc.
9.1.7 OTP Register Entry and Exit Condition
For timing options, refer to Programming the AS5145 (page 19).
Figure 13. OTP Access Timing Diagram
To avoid accidental modification of the OTP during normal operation, each OTP access (Load, Write, Read, Program) requires a defined entry
and exit procedure, using the CSn, PDIO and CLK signals as shown in Figure 13.
Figure 14. OTP Programming Connection
OTP Access
Setup Condition
Operation Mode Selection
Exit Condition
CSn
PDIO
CLK
AS5145 Demoboard
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1 MagINCn
MagDECn
DTest1_A
DTest2_B
NC
Mode_ Index
VSS
PDIO
DO
CLK
CSn
PWM
NC
NC
VDD3V3
VDD5V
AS 5 145
IC 1
7
2
3
4
5
6
1
10n
2.2µF
µC
Cap only required for OTP programming
GND
PROG
CSN
DO
CLK
5VUSB
VDD3V3
VSS
+
10µF
2
3
1
GND
VSS
VPROG
3.3 …4. 6 V
only required for
OTP programming
connect to USB
interface on PC
For programming,
k eep these 6 wires
as short as possible!
max. length = 2 inches (5cm)
22k
3V 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com