Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5145H Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # AS5145H
Description  12-Bit Programmable Magnetic Rotary Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS5145H Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button AS5145H Datasheet HTML 28Page - List of Unclassifed Manufacturers AS5145H Datasheet HTML 29Page - List of Unclassifed Manufacturers AS5145H Datasheet HTML 30Page - List of Unclassifed Manufacturers AS5145H Datasheet HTML 31Page - List of Unclassifed Manufacturers AS5145H Datasheet HTML 32Page - List of Unclassifed Manufacturers AS5145H Datasheet HTML 33Page - List of Unclassifed Manufacturers AS5145H Datasheet HTML 34Page - List of Unclassifed Manufacturers AS5145H Datasheet HTML 35Page - List of Unclassifed Manufacturers AS5145H Datasheet HTML 36Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
www.ams.com/AS5145
Revision 1.17
33 - 36
AS5145
Datasheet - Revision Hist ory
Revision History
Revision
Date
Owner
Description
1.1
May 30, 2008
apg
Changed the temperature to 150ºC across the datasheet.
Jul 23, 2008
Added Key Feature: Fully automotive qualified to AEC-Q100, grade 0
Jul 25, 2008
Changed the values in Table 10 for 10-bit and 12-bit incremental mode
1.2
Aug 24, 2008
rfu
Inserted 10k
Ω for pin 6 in Table 1
changed values for fmag_abs in Table 4
Made changes to Incremental Mode on page 14.
Removed quadrature from Figure 6.
Inserted Incremental Output Hysteresis on page 15 and Figure .
Modified the typ value of all in Table 11.
changed the values in equation2 (page 18)
1.3
Aug 27, 2008
rfu
Modified Applications
Removed table Magnetic field strength variation indicator and modified
Table 9 cell headings
1.4
Sep 29, 2008
apg
Changed angle position values in Pulse Width Modulation (PWM) Output
on page 17 and also update Table 6 for the same.
Feb 13, 2009
Changed the value of tDOvalid in Table 6
Feb 16, 2009
Changed the value of PWMIN, PWMAX in Table 6
Updated Figure 14 with 2.2µF capacitor without polarity
Updated Figure 17 with 2.2µF instead of 2.2µF....10µF
Feb 18, 2009
mub
Changed key feature: Added pre-programmed versions available
Removed 10 bit from pin descriptions for pin 12 on page 4
Deleted Min value for tDOvalid in Table 6
updated ordering information
Feb 22, 2009
apg
Changed the Max value of tDOvalid in Table 6 to 413
1.5
Jul 15, 2009
rfu
Added “AS5145-I10/AS5145-I12” to the header
Made some sentence corrections and spelling mistakes
1.6
Updated Incremental Mode on page 14 with new information.
1.7
Aug 12, 2009
apg
Added a note to the ordering information
1.8
Sep 29, 2009
rfu
Updated Figure 13
Added Incremental Power-up Lock Option on page 15
1.9
Nov 05, 2009
apg
Timing Characteristics (page 11) - Updated the parameter ‘PWM
Frequency’ (fPWM)
1.10
Dec 04, 2009
Updated section Internal Timing Tolerance (page 29)
1.11
Jun 16, 2010
mub
Updated Table 1, Table 3, Table 6
Jun 25, 2010
apg
Updated device header and Ordering Information (page 35)
1.12
Nov 09, 2011
ach
Updated maximum rotation speed in incremental mode (see page 28)
1.13
Nov 25, 2011
ekno
Updated MSL in Absolute Maximum Ratings and Package Drawings and
Markings.
1.14
Feb 29, 2012
Updated Figure 23 and carried out sentence structure related changes
across datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com