Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP28372 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP28372
Description  Dual 1.5A, 23V, 1.4MHz Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28372 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP28372 Datasheet HTML 2Page - Monolithic Power Systems MP28372 Datasheet HTML 3Page - Monolithic Power Systems MP28372 Datasheet HTML 4Page - Monolithic Power Systems MP28372 Datasheet HTML 5Page - Monolithic Power Systems MP28372 Datasheet HTML 6Page - Monolithic Power Systems MP28372 Datasheet HTML 7Page - Monolithic Power Systems MP28372 Datasheet HTML 8Page - Monolithic Power Systems MP28372 Datasheet HTML 9Page - Monolithic Power Systems MP28372 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MP28372 — DUAL 1.5A, 23V, 1.4MHz STEP-DOWN CONVERTER
MP28372 Rev. 1.4
www.MonolithicPower.com
6
12/10/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
TM
OPERATION
The MP28372 is a dual channel current mode
regulator. The COMP pin voltage is proportional
to the peak inductor current. At the beginning of
a cycle, the upper transistor M1 is off, and the
lower transistor M2 is on (see Figure 1). The
COMP pin voltage is higher than the current
sense
amplifier
output,
and
the
current
comparator’s output is low. The rising edge of
the 1.4MHz CLK signal sets the RS Flip-Flop.
Its output turns off M2 and turns on M1 thus
connecting the SW pin and inductor to the input
supply. The increasing inductor current is
sensed and amplified by the Current Sense
Amplifier. Ramp compensation is summed to
Current Sense Amplifier output and compared
to the Error Amplifier output by the Current
Comparator.
When the sum of the Current Sense Amplifier
output and the Slope Compensation signal
exceeds the COMP pin voltage, the RS Flip-
Flop is reset. The MP28372 reverts to its initial
M1 off, M2 on state.
If the sum of the Current Sense Amplifier output
and the Slope Compensation signal does not
exceed the COMP voltage, the falling edge of
the CLK resets the Flip-Flop.
The output of the Error Amplifier integrates the
voltage difference between the feedback and
the 0.92V bandgap reference. The polarity is
such that a voltage at the FB pin lower than
0.92V increases the COMP pin voltage. Since
the COMP pin voltage is proportional to the
peak inductor current, an increase in its voltage
increases current delivered to the output. The
lower 10Ω switch ensures that the bootstrap
capacitor voltage is charged during light load
conditions. External Schottky Diode D1 carries
the inductor current when M1 is off (see Figure 1).
LOCKOUT
COMPARATOR
ERROR
AMPLIFIER
FREQUENCY
FOLDBACK
COMPARATOR
INTERNAL
REGULATORS
1.8V
SLOPE
COMP
CLK
CURRENT
COMPARATOR
CURRENT
SENSE
AMPLIFIER
SHUTDOWN
COMPARATOR
SSA/
SSB
OSCILLATOR
210/1400KHz
S
R
Q
5V
+
Q
0.7V
+
+
2.29V/
2.50V
+
0.4V
+
+
--
--
--
--
--
--
0.92V
COMPA/
COMPB
FBA / FBB
SGA/
SGB
PGA/
PGB
SWA/
SWB
BSA/
BSB
ENA/
ENB
INA/
INB
Figure 1—Functional Block Diagram
(Diagram portrays ½ of the MP28372)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com