Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP28372 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP28372
Description  Dual 1.5A, 23V, 1.4MHz Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28372 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP28372 Datasheet HTML 1Page - Monolithic Power Systems MP28372 Datasheet HTML 2Page - Monolithic Power Systems MP28372 Datasheet HTML 3Page - Monolithic Power Systems MP28372 Datasheet HTML 4Page - Monolithic Power Systems MP28372 Datasheet HTML 5Page - Monolithic Power Systems MP28372 Datasheet HTML 6Page - Monolithic Power Systems MP28372 Datasheet HTML 7Page - Monolithic Power Systems MP28372 Datasheet HTML 8Page - Monolithic Power Systems MP28372 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP28372
Dual 1.5A, 23V, 1.4MHz
Step-Down Converter
MP28372 Rev. 1.4
www.MonolithicPower.com
1
12/10/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP28372 is a dual monolithic step-down
switch mode converter with built-in internal
power MOSFETs. It achieves 1.5A continuous
output current for each output over a wide input
supply range with excellent load and line
regulation.
Current mode operation provides fast transient
response and eases loop stabilization.
Fault condition protection includes cycle-by-cycle
current limiting and thermal shutdown. In
shutdown mode, the regulator draws 40μA of
supply current.
The MP28372 requires a minimum number of
readily available standard external components.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV28372DF-01A
2.2”X x 1.6”Y x 0.4”Z
FEATURES
• 1.5A Current for Each Output
• 0.18Ω Internal Power MOSFET Switches
• Stable with Low ESR Output Ceramic
Capacitors
• Up to 90% Efficiency
• 40μA Shutdown Mode
• Fixed 1.4MHz Frequency
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Wide 4.75V to 23V Operating Input Range
• Each Output Adjustable from 0.92V to 16V
• Configurable for Single Output with Double
the Current
• Programmable Under Voltage Lockout
• Programmable Soft-Start
• Available in TSSOP20 with Exposed Pad
and SOIC Packages
APPLICATIONS
• Distributed Power Systems
• I/O and Core supplies
• DSL Modems
• Set top boxes
• Cable Modems
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP28372
SSB
BSB
NC2
INB
SWB
PGB
SGB
FBA
COMPA
ENA
10
9
8
7
6
5
4
3
2
1
SSA
NC1
BSA
INA
SWA
PGA
SGA
FBB
COMPB
ENB
20
19
18
17
16
15
14
13
12
11
3.3nF
10nF
82pF
10nF
2.5V @ 1.5A
OFF ON
OFF ON
2A
Schottky
2A
Schottky
12V
3.3V @ 1.5A
2.2nF
100
90
80
70
60
50
0
0.5
1.0
1.5
LOAD CURRENT (A)
Efficiency vs
Load Current
VOUT=5V
VOUT=3.3V
VOUT=2.5V


Similar Part No. - MP28372

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28373 MPS-MP28373 Datasheet
371Kb / 11P
3A, 28V, 1.4MHz Step-Down Converter
MP28373DN MPS-MP28373DN Datasheet
371Kb / 11P
3A, 28V, 1.4MHz Step-Down Converter
More results

Similar Description - MP28372

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1112 ANALOGICTECH-AAT1112 Datasheet
838Kb / 20P
1.5A, 1.4MHz Step-Down Converter
logo
Monolithic Power System...
EV2364DF-00A MPS-EV2364DF-00A Datasheet
220Kb / 4P
1.5A, 23V, 1.4MHz Dual Step-Down Converter Evaluation Board
EV2364DF-01A MPS-EV2364DF-01A Datasheet
214Kb / 4P
1.5A, 23V, 1.4MHz Dual Step-Down Converter Evaluation Board
MP2351 MPS-MP2351 Datasheet
187Kb / 8P
1.5A, 23V, 1.4MHz Step-Down Converter
MP2361 MPS-MP2361 Datasheet
190Kb / 8P
2A, 23V, 1.4MHz Step-Down Converter
MP2364 MPS-MP2364 Datasheet
281Kb / 12P
Dual 1.5A, 23V, 1.4MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1112_0711 ANALOGICTECH-AAT1112_0711 Datasheet
642Kb / 19P
1.5A, 1.4MHz Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1112 SKYWORKS-AAT1112 Datasheet
1Mb / 19P
1.5A, 1.4MHz Step-Down Converter
logo
Monolithic Power System...
MP29373 MPS-MP29373 Datasheet
260Kb / 10P
Dual 1.5A, 23V, 1.4MHz Step-Down Converter
logo
Feeling Technology Corp...
FP6186 FEELING-FP6186 Datasheet
622Kb / 17P
2A, 23V, 1.4MHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com