Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ2490 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MPQ2490
Description  Industrial Grade, 1.5A, 36V, 700kHz Step-Down Converter with Programmable Output Current Limit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2490 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MPQ2490 Datasheet HTML 1Page - Monolithic Power Systems MPQ2490 Datasheet HTML 2Page - Monolithic Power Systems MPQ2490 Datasheet HTML 3Page - Monolithic Power Systems MPQ2490 Datasheet HTML 4Page - Monolithic Power Systems MPQ2490 Datasheet HTML 5Page - Monolithic Power Systems MPQ2490 Datasheet HTML 6Page - Monolithic Power Systems MPQ2490 Datasheet HTML 7Page - Monolithic Power Systems MPQ2490 Datasheet HTML 8Page - Monolithic Power Systems MPQ2490 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MPQ2490
–INDUSTRIALGRADE,1.5A,36V,700kHzSTEP-DOWNWITHPROGRAMMABLEOUTPUTCURRENTLIMIT
MPQ2490 Rev. 1.02
www.MonolithicPower.com
2
7/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
Free-Air Temperature (TA)
MPQ2490DQ
QFN10 (3x3mm)
T6
-40°C to +85°C
* For Tape & Reel, add suffix
–Z (e.g. MPQ2490DQ–Z);
For RoHS compliant packaging, add suffix
–LF; (e.g. MPQ2490DQ–LF–Z)
PACKAGE REFERENCE
QFN10 (3mm X 3mm)
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage VIN .......................................40V
VSW ......................................–0.3V to VIN + 0.3V
VBST ..................................................VSW + 6.5V
VISN, vISP .............................................. 0V to15V
All Other Pins.............................
–0.3V to +6.5V
Junction Temperature .............................. 150
C
Continuous Power Dissipation (TA = +25°C)
(2)
QFN10 (3mm x 3mm) ................................2.5W
Lead Temperature ................................... 260
C
Storage Temperature..............
–65
C to +150C
Recommended Operating Conditions
(3)
Supply Voltage VIN .......................... 4.5V to 36V
Output Voltage VOUT (VIN>16.5V)..... 0.8V to 15V
Output Voltage VOUT (VIN≤16.5V)........................
.......................................0.8V to (VIN–1.5) V
Thermal Resistance
(4)
θJA
θJC
QFN10 (3mm x 3mm) .............50 ...... 12 ...
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4)
Measured on approximately 1” square of 1 oz copper.
Operating Junction Temp. (TJ). .. -40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com