Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ2490 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPQ2490
Description  Industrial Grade, 1.5A, 36V, 700kHz Step-Down Converter with Programmable Output Current Limit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2490 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPQ2490 Datasheet HTML 1Page - Monolithic Power Systems MPQ2490 Datasheet HTML 2Page - Monolithic Power Systems MPQ2490 Datasheet HTML 3Page - Monolithic Power Systems MPQ2490 Datasheet HTML 4Page - Monolithic Power Systems MPQ2490 Datasheet HTML 5Page - Monolithic Power Systems MPQ2490 Datasheet HTML 6Page - Monolithic Power Systems MPQ2490 Datasheet HTML 7Page - Monolithic Power Systems MPQ2490 Datasheet HTML 8Page - Monolithic Power Systems MPQ2490 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MPQ2490
–INDUSTRIALGRADE,1.5A,36V,700kHzSTEP-DOWNWITHPROGRAMMABLEOUTPUTCURRENTLIMIT
MPQ2490 Rev. 1.02
www.MonolithicPower.com
3
7/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = -40°C to +85°C. Typical values are at TA=25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Feedback Voltage
VFB
4.5V
 V
IN  36V
TA=25C
0.785
0.805
0.825
V
-40
CT
A85°C
0.777
0.833
Feedback Bias Current
IBIAS(FB)
VFB = 0.8V
0.01
1
μA
Switch On Resistance
RDS(ON)
0.25
Ω
Switch Leakage
VEN = 0V, VSW = 0V
0.1
10
μA
Current Limit
(5)
Duty Cycle <= 80%
1.7
4.2
A
Oscillator Frequency
fSW
VFB = 0.6V
500
700
950
kHz
Fold-Back Frequency
VFB = 0V
200
kHz
Boot-Strap Voltage
VBST - VSW
5
V
Minimum On Time
(5)
tON
VFB = 1V
100
ns
Under Voltage Lockout
Threshold Rising
2.9
3.3
3.7
V
Under Voltage Lockout
Threshold Hysteresis
200
mV
Supply Current (Shutdown)
VEN = 0V
4
25
μA
Supply Current (Quiescent)
VEN = 2V, VFB = 1V
500
800
μA
Thermal Shutdown (5)
150
°C
Current Sense Voltage
VISP –VISN VISP, VISN
0.4
–15V
80
100
120
mV
Input Bias Current (ISN, ISP) IBIAS (ISN,ISP) VISP, VISN
0.4
–15V
–1.5
0.1
+1.5
μA
Note:
5) Derived from design and bench characterization. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com