Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2012B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TPS2012B
Description  Digital Storage Oscilloscopes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TPS2012B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TPS2012B Datasheet HTML 1Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 2Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 3Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 4Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 5Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 6Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 7Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 8Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Conduct harmonic distortion measurements with TPS2PWR1 software.
For dialing in the performance of switching components, the power
application software adds important measurements to the TPS2000B,
including automatic switching loss, dv/dt, and di/dt cursor measurements.
For measurements on AC line voltage and for checking the impact on the
power distribution system, the power application software shows harmonic
content to the 50th harmonic, and provides phase, reactive power
consumption, and power factor measurements. With the four-channel
TPS2014B or TPS2024B, you can view three-phase voltages or currents.
Two power "bundles" are available, combining probes and measurement
software. Each package combines four probes with the TPS2PWR1 power
application software, at prices that are lower than if purchased separately.
The TPS2PBND2 combines four P5122 100X passive, high-voltage probes
with the power application software.
Perform three-phase power measurements of variable frequency drives.
Quickly debug and characterize signals with
DRT sampling technology
Characterize a wide range of signal types on up to four channels
simultaneously with the TPS2000B Series Digital Real-Time (DRT)
sampling technology. This acquisition technology makes it possible to
capture high-frequency events, such as glitches and edge anomalies, that
eludes other oscilloscopes in its class, so that you can be sure to get an
accurate view of your signal.
Capture elusive glitches – the first time – with Digital Real-Time (DRT) sampling
technology.
Easily analyze and document your
measurement results
Quickly reveal signal interference, crosstalk, and the effects of vibration with
frequency domain analysis using the TPS2000B Series Fast Fourier
Transform (FFT) feature. Then, easily document your measurement results
with the integrated CompactFlash
® mass storage.
To capture, save, and analyze your measurement results on your PC, the
included OpenChoice
® PC software can be used. Every TPS2000B Series
also ships with a free copy of the special Tektronix Edition of the National
Instrument LabVIEW SignalExpress™ software for basic instrument control,
data logging, and analysis. The optional Professional Edition of
SignalExpress offers over 200 built-in functions that provide additional
signal processing, advanced analysis, sweeping, limit testing, and user-
defined step capabilities.
TPS2000B Series Digital Storage Oscilloscopes
www.tektronix.com 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com