Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2012B Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TPS2012B
Description  Digital Storage Oscilloscopes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TPS2012B Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TPS2012B Datasheet HTML 4Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 5Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 6Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 7Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 8Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 9Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 10Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 11Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Autoset menu
Single-button, automatic setup of all channels for vertical, horizontal, and trigger systems, with undo autoset.
Square wave
Single cycle, multicycle, rising or falling edge
Sine wave
Single cycle, multicycle, FFT spectrum
Video (NTSC, PAL, SECAM)
Field: All, Odd, or Even Line: All or Selectable Line Number
Software
OpenChoice® Desktop
Seamless connection from oscilloscope to PC through RS-232. Transfer and save settings, waveforms, measurements, and screen
images. Includes a Windows desktop data transfer application in addition to convenient Word and Excel toolbar add-ins.
Display system
Display type
1/4 VGA Active TFT Color LCD display
Interpolation
Sin (x)/x
Waveform styles
Dots, vectors
Persistence
Off, 1 sec, 2 sec, 5 sec, infinite
Format
YT and XY
Horizontal zoom
Horizontally expand or compress a line or stopped waveform
Input/output ports
RS-232
Port (standard)
9-pin DTE
Programmability
Full talk/listen modes. Control of all modes, settings, and measurements. Baud rate up to 19,200.
Printer port (standard)
Graphics file formats
TIFF, PCS (PC Paint Brush), BMP (Microsoft Windows), EPS (Encapsulated Postscript), and RLE
Printer formats
Bubble Jet, DPU-411, DPU-412, DPU-3445, Thinkjet, Deskjet, Laser Jet, Epson Dot (9- or 24-pin), Epson C60, Epson C80
Parallel port
Standard Centronics-type
Mass storage CompactFlash
®
memory
Accepts any Type 1 CompactFlash
® card, up to and including 2 GB (card not included).
PC connectivity
Standard
Datasheet
8 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com