Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM186 Datasheet(PDF) 61 Page - Advanced Micro Devices

Part # AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Datasheet(HTML) 61 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 57Page - Advanced Micro Devices AM186 Datasheet HTML 58Page - Advanced Micro Devices AM186 Datasheet HTML 59Page - Advanced Micro Devices AM186 Datasheet HTML 60Page - Advanced Micro Devices AM186 Datasheet HTML 61Page - Advanced Micro Devices AM186 Datasheet HTML 62Page - Advanced Micro Devices AM186 Datasheet HTML 63Page - Advanced Micro Devices AM186 Datasheet HTML 64Page - Advanced Micro Devices AM186 Datasheet HTML 65Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 112 page
background image
Am186TMER and Am188TMER Microcontrollers Data Sheet
61
DRAF
T
THERMAL CHARACTERISTICS
TQFP Package
The Am186ER and Am188ER microcontrollers are
specified for operation with case temperature ranges
from 0
°C to +100°C for a commercial temperature
device. Case temperature is measured at the top
center of the package as shown in Figure 16. The
various temperatures and thermal resistances can be
determined using the equations in Figure 17 with
information given in Table 10.
θ
JA is the sum of θJC and θCA . θJC is the internal
thermal resistance of the assembly.
θ
CA is the case to
ambient thermal resistance.
The variable P is power in watts. Typical power
supply current (ICC) for the Am186ER and Am188ER
microcontrollers is 3.7 mA per MHz of clock frequency.
Figure 16.
Thermal Resistance (
°C/Watt)
Figure 17. Thermal Characteristics Equations
Table 10.
Thermal Characteristics (
°C/Watt)
θ
JA
θ
CA
θ
JC
θ
JA = θJC + θCA
TC
Package/Board
Airflow
(Linear Feet
per Minute)
θ
JC
θ
CA
θ
JA
PQFP/2-Layer
0 fpm
7
38
45
200 fpm
7
32
39
400 fpm
7
28
35
600 fpm
7
26
33
TQFP/2-Layer
0 fpm
10
46
56
200 fpm
10
36
46
400 fpm
10
30
40
600 fpm
10
28
38
PQFP/4-Layer
to 6-Layer
0 fpm
5
18
23
200 fpm
5
16
21
400 fpm
5
14
19
600 fpm
5
12
17
TQFP/4-Layer
to 6-Layer
0 fpm
6
24
30
200 fpm
6
22
28
400 fpm
6
20
26
600 fpm
6
18
24
θ
JA = θJC + θCA
P = ICC freq (MHz) VCC
TJ = TC + (P θJC)
TJ = TA + (P θJA)
TC = TJ – (P θJC)
TC = TA + (P θCA)
TA = TJ – (P θJA)
TA = TC – (P θCA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com