Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM186 Datasheet(PDF) 62 Page - Advanced Micro Devices

Part # AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Datasheet(HTML) 62 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 58Page - Advanced Micro Devices AM186 Datasheet HTML 59Page - Advanced Micro Devices AM186 Datasheet HTML 60Page - Advanced Micro Devices AM186 Datasheet HTML 61Page - Advanced Micro Devices AM186 Datasheet HTML 62Page - Advanced Micro Devices AM186 Datasheet HTML 63Page - Advanced Micro Devices AM186 Datasheet HTML 64Page - Advanced Micro Devices AM186 Datasheet HTML 65Page - Advanced Micro Devices AM186 Datasheet HTML 66Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 112 page
background image
62
Am186TMER and Am188TMER Microcontrollers Data Sheet
DRAF
T
Typical Ambient Temperatures
The typical ambient temperature specifications are
based on the following assumptions and calculations:
The commercial operating range of the Am186ER and
Am188ER microcontrollers is a case temperature TC of
0 to 100 degrees Centigrade. TC is measured at the top
center of the package. An increase in the ambient
temperature causes a proportional increase in TC.
The 50-MHz microcontroller is specified as 3.3 V, plus
or minus 10%. Therefore, 3.6 V is used for calculating
t y pical po w e r consu mpti on on t he 50- MH z
microcontroller.
Typical power supply current (ICC) in normal usage is
estimated at 3.7 mA per MHz of microcontroller clock
rate.
Typical power consumption can be calculated using the
following formula:
(Watts) = (3.7 mA/MHz)
50 MHz (3.6 V/1000)
Table 11 shows the variables that are used to calculate
the typical power consumption value for each version
of the Am186ER and Am188ER microcontrollers.
Table 11.
Typical Power Consumption Calculation
Thermal resistance is a measure of the ability of a
package to remove heat from a semiconductor device.
A safe operating range for the device can be calculated
using the following formulas from Figure 17 and the
variables in Table 10.
By using the maximum case rating TC, the typical
power consumption value from Table 11, and
θ
JC from
Table 10, the junction temperature TJ can be calculated
by using the following formula from Figure 17.
TJ = TC + (P θJC)
Table 12 shows TJ values for the various versions of the
Am186ER and Am188ER microcontrollers. The
Speed/Pkg/Board column in Table 12 indicates the
clock speed in MHz, the type of package (P for PQFP
and T for TQFP), and the type of board (2 for 2-layer
and 4–6 for 4-layer to 6-layer).
Table 12.
Junction Temperature Calculation
By using TJ from Table 12, the typical power
consumption value from Table 11, and a
θ
JA value from
Table 10, the typical ambient temperature TA can be
calculated using the following formula from Figure 17.
TA = TJ – (P θJA)
For example, TA for a 50-MHz PQFP design with a
2-layer board and 0 fpm airflow is calculated as follows:
TA = 104.6 – (0.662 45)
TA = 74.81
In this calculation, TJ comes from Table 12, P comes
from Table 11, and
θ
JA comes from Table 10. See Table
13.
TA for a 33-MHz TQFP design with a 4-layer to 6-layer
board and 200 fpm airflow is calculated as follows:
TA = 102.6 – (0.432 28)
TA = 90.5
See Table 16 for the result of this calculation.
Table 13 through Table 16 and Figure 18 through
Fi g u r e 21 s h ow TA based on the preceding
assumptions and calculations for a range of
θ
JA values
with airflow from 0 linear feet per minute to 600 linear
feet per minute.
P = MHz
I
CC
Volts / 1000
Typical
Power (P)
in Watts
MHz
Typical ICC
Volts
50
3.7
3.6
0.662
40
3.7
3.6
0.522
33
3.7
3.6
0.432
25
3.7
3.6
0.342
Speed/
Pkg/
Board
TJ = TC + (P
θ
JC)
TJ
TC
P
θ
JC
50/P2
100
0.662
7
104.6
50/T2
100
0.662
10
106.6
50/P4–6
100
0.662
5
103.3
50/T4–6
100
0.662
6
104.0
40/P2
100
0.522
7
103.7
40/T2
100
0.522
10
105.2
40/P4–6
100
0.522
5
102.6
40/T4–6
100
0.522
6
103.1
33/P2
100
0.432
7
103.0
33/T2
100
0.432
10
104.3
33/P4–6
100
0.432
5
102.2
33/T4–6
100
0.432
6
102.6
25/P2
100
0.342
7
102.4
25/T2
100
0.342
10
103.4
25/P4–6
100
0.342
5
101.7
25/T4–6
100
0.342
6
102.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com