Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8557ACPZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8557ACPZ-R2
Description  Digitally Programmable Sensor Signal Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8557ACPZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  AD8557ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD8557
Rev. C | Page 3 of 24
SPECIFICATIONS
VDD = 5.0 V, VSS = 0.0 V, VCM = 2.5 V, VOUT = 2.5 V, gain = 28, TA = −40°C to +125°C, unless otherwise specified.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT STAGE
Input Offset Voltage
VOS
2
12
μV
Input Offset Voltage Drift
TCVOS
27
65
nV/°C
Input Bias Current
IB
10
18
25
nA
Input Offset Current
IOS
1
4
nA
Input Voltage Range
0.6
3.8
V
Common-Mode Rejection Ratio
CMRR
VCM = 0.9 V to 3.6 V, AV = 28
75
85
dB
VCM = 0.9 V to 3.6 V, AV = 1300
96
112
dB
Linearity
VOUT = 0.2 V to 3.4 V
20
ppm
VOUT = 0.2 V to 4.8 V
1000
ppm
Differential Gain Accuracy
Second stage gain = 10 to 70
1.6
%
Differential Gain Accuracy
Second stage gain = 100 to 250
2.5
%
Differential Gain Temperature Coefficient
Second stage gain = 10 to 250
15
40
ppm/°C
DAC
Accuracy
Offset codes = 8 to 248
0.7
0.8
%
Ratiometricity
Offset codes = 8 to 248
50
ppm
Output Offset
Offset codes = 8 to 248
5
35
mV
Temperature Coefficient
20
80
ppm FS/°C
VCLAMP
Clamp Input Bias Current
ICLAMP
1.25 V to 5.0 V
200
nA
Clamp Input Voltage Range
1.25
5.0
V
OUTPUT STAGE
Short-Circuit Current
ISC
Source
−45
−25
mA
ISC
Sink
40
55
mA
Output Voltage, Low
VOL
RL = 10 kΩ to 5 V
30
mV
Output Voltage, High
VOH
RL = 10 kΩ to 0 V
4.94
V
POWER SUPPLY
Supply Current
ISY
VPOS = VNEG = 2.5 V,
VDAC code = 128, VOUT = 2.5 V
1.8
mA
Power Supply Rejection Ratio
PSRR
VDD = 2.7 V to 5.5 V
105
125
dB
DYNAMIC PERFORMANCE
Gain Bandwidth Product
GBP
First gain stage, TA = 25°C
2
MHz
Second gain stage, TA = 25°C
8
MHz
Settling Time
ts
To 0.1%, 4 V output step
8
µs
NOISE PERFORMANCE
Input Referred Noise
f = 1 kHz, TA = 25°C
32
nV/√Hz
Low Frequency Noise
en p-p
f = 0.1 Hz to 10 Hz, TA = 25°C
0.5
µV p-p
Total Harmonic Distortion
THD
VIN = 16.75 mV rms, f = 1 kHz,
TA = 25°C
−100
dB
DIGITAL INTERFACE
Input Current
2
µA
DIGIN Pulse Width to Load 0
tw0
TA = 25°C
0.05
10
µs
DIGIN Pulse Width to Load 1
tw1
TA = 25°C
50
µs
Time Between Pulses at DIGIN
tws
TA = 25°C
10
µs
DIGIN Low
TA = 25°C
0.2 × VDD
V
DIGIN High
TA = 25°C
0.8 × VDD
V
DIGOUT Logic 0
TA = 25°C
0.2 × VDD
V
DIGOUT Logic 1
TA = 25°C
0.8 × VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com