Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8557ACPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8557ACPZ-R2
Description  Digitally Programmable Sensor Signal Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8557ACPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8557ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8557
Rev. C | Page 6 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VSS
8
VOUT
7
VCLAMP
6
VPOS
5
VDD
1
DIGOUT
2
DIGIN 3
VNEG
4
AD8557
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead SOIC_N Pin Configuration
12
11
10
9
NC
VCLAMP
NC
VOUT
1
NC
2
3
4
DIGIN
NC
DIGOUT
AD8557
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
NOTES
1. THE EXPOSED PAD SHOULD BE CONNECTED
TO AVSS (PIN 14) OR LEFT UNCONNECTED.
2. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
Figure 3. 16-Lead LFCSP_VQ Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
SOIC_N
LFCSP_VQ
1
VDD
Positive Supply Voltage.
2
2
DIGOUT
In read mode, this pin functions as a digital output.
3
4
DIGIN
Digital Input.
4
6
VNEG
Negative Amplifier Input (Inverting Input).
5
8
VPOS
Positive Amplifier Input (Noninverting Input).
6
10
VCLAMP
Set Clamp Voltage at Output.
7
12
VOUT
Amplifier Output.
8
VSS
Negative Supply Voltage.
13, 14
DVSS, AVSS
Negative Supply Voltage.
15, 16
DVDD, AVDD
Positive Supply Voltage.
1, 3, 5, 7, 9, 11
NC
Do Not Connect.
EPAD
EPAD
Exposed Pad. The exposed pad should be connected to AVSS (Pin 14) or left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com