Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9851FSPCB Datasheet(PDF) 8 Page - Analog Devices

Part # AD9851FSPCB
Description  CMOS 180 MHz DDS/DAC Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9851FSPCB Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9851FSPCB Datasheet HTML 4Page - Analog Devices AD9851FSPCB Datasheet HTML 5Page - Analog Devices AD9851FSPCB Datasheet HTML 6Page - Analog Devices AD9851FSPCB Datasheet HTML 7Page - Analog Devices AD9851FSPCB Datasheet HTML 8Page - Analog Devices AD9851FSPCB Datasheet HTML 9Page - Analog Devices AD9851FSPCB Datasheet HTML 10Page - Analog Devices AD9851FSPCB Datasheet HTML 11Page - Analog Devices AD9851FSPCB Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD9851
–8–
FREQUENCY OFFSET – Hz
–155
100
1k
10k
100k
–145
–140
–135
–130
–125
–120
AD9851 RESIDUAL PHASE NOISE
–150
TPC 11. Output Residual Phase Noise (5.2 MHz AOUT), 6
OUT
OUT
REFCLK Multiplier Disabled, System Clock = 180 MHz, Ref-
erence Clock = 180 MHz
SYSTEM CLOCK FREQUENCY – MHz
45
10
20
40
60
80
100 120 140 160 180
50
55
60
65
70
75
VS = +3.3V
VS = +5V
FUNDAMENTAL OUTPUT =
SYSTEM CLOCK/3
TPC 12. Spurious-free dynamic range (SFDR) is generally
a function of the DAC analog output frequency. Analog
output frequencies of 1/3 the system clock rate are consid-
ered worst case. Plotted below are typical worst case SFDR
numbers for various system clock rates.
1
Ch1 100mV
T [ ]
Tek Stop 2.50GS/s
22 Acgs
 : 2.0ns
@ : 105.2ns
C1 Rise
2.03ns
M 20.0ns Ch 1
252mV
D 5.00ns Runs After
TPC 13. Comparator RiseTime, 15 pF Load
1
Ch1 100mV
T [
]
Tek Stop 2.50GS/s
2227 Acgs
 : 2.3ns
@ : 103.6ns
C1 Fall
2.33ns
M 20.0ns Ch 1
252mV
D 5.00ns Runs After
TPC 14. Comparator FallTime, 15 pF Load
ANALOG OUTPUT FREQUENCY – MHz
30
10
20
30
40
50
60
0
70
50
70
80
90
110
120
VS = +3.3V
VS = +5V
100
60
40
output frequency at 180 MHz system clock (upper
trace) and 125 MHz system clock (lower trace)
SYSTEM CLOCK – MHz
0
140
20
40
60
100
80
120
0
20
40
60
80
100
120
VS = +3.3V
VS = +5V
160
180
clock frequency
REV. D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com