Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9851FSPCB Datasheet(PDF) 10 Page - Analog Devices

Part # AD9851FSPCB
Description  CMOS 180 MHz DDS/DAC Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9851FSPCB Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9851FSPCB Datasheet HTML 6Page - Analog Devices AD9851FSPCB Datasheet HTML 7Page - Analog Devices AD9851FSPCB Datasheet HTML 8Page - Analog Devices AD9851FSPCB Datasheet HTML 9Page - Analog Devices AD9851FSPCB Datasheet HTML 10Page - Analog Devices AD9851FSPCB Datasheet HTML 11Page - Analog Devices AD9851FSPCB Datasheet HTML 12Page - Analog Devices AD9851FSPCB Datasheet HTML 13Page - Analog Devices AD9851FSPCB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD9851
–10–
IOUT and IOUTB are equally loaded with 100 . Two 100 k
resistors sample each output and average the two voltages.The
result is filtered with the 470 pF capacitor and applied to one
comparator input as a dc switching threshold. The filtered DAC
sine wave output is applied to the other comparator input.The
comparator will toggle with nearly 50% duty cycle as the sine
wave alternately traverses the center point threshold.
AD9851
DDS
REFERENCE
CLOCK
IF FREQUENCY
IN
FILTER
FILTER
TUNING
WORD
RF
FREQUENCY
OUT
for Frequency Mixing/Multiplying
FILTER
PHASE
COMPARATOR
DIVIDE-BY-N
LOOP
FILTER
VCO
AD9851
DDS
REFERENCE
CLOCK
TUNING
WORD
RF
FREQUENCY
OUT
Figure 4. Frequency/Phase-Agile Reference for PLL
PHASE
COMPARATOR
LOOP
FILTER
VCO
AD9851
DDS
REFERENCE
CLOCK
TUNING
WORD
RF
FREQUENCY
OUT
FILTER
REF CLK IN
PROGRAMMABLE
DIVIDE-BY-N FUNCTION
(WHERE N = 232/ TUNING WORD)
Figure 5. Digitally Programmable Divide-by-N
Function in PLL
AD9851
DDS
FM RF
OUTPUT
ADSP-2181
DSP
PROCESSOR
ADSP-2181
BUS
INPUT/
OUTPUT
DECODE
LOGIC
8-BIT
DATA
BUS
AD1847
STEREO
CODEC
L & R
AUDIO IN
REF
OSC
DAC
OUT
AD9851/FSPCB
EVALUATION
BOARD
EZ-KIT LITE
DSP
Figure 6. High Quality, All Digital RF Frequency
Modulation
High quality, all digital RF frequency modulation generation with
the ADSP-2181 DSP and the AD9851 DDS is well documented
in Analog Devices’ application note AN-543. It uses an image of
the DDS output as illustrated in Figure 8.
I/Q MIXER
AND
LOW-PASS
FILTER
I
Q
AD9059
DUAL
8-BIT ADC
8
8
DIGITAL
DEMODULATOR
ADC ENCODE
AGC
32
CHIP/SYMBOL/PN
RATE DATA
ADC CLOCK FREQUENCY
LOCKED TO
Tx CHIP/SYMBOL/PN RATE
180MHz
OR 30MHz
REFERENCE
CLOCK
Rx BASEBAND
DIGITAL DATA OUT
Rx
RF IN
VCA
AD9851
CLOCK
GENERATOR
Figure 1. Chip Rate Clock Generator Application in a Spread Spectrum Receiver
MICROPROCESSOR
OR
MICROCONTROLLER
DATA
BUS
180MHz OR 30MHz
REFERENCE
CLOCK
8-BIT PARALLEL DATA,
OR 1-BIT  40 SERIAL DATA,
RESET, W CLK AND FQ UD
IOUT
100k
100k
470pF
100
IOUTB
RSET
3.9k
CMOS
OUTPUTS
QOUTB
QOUT
LOW-PASS
FILTER
7TH ORDER ELLIPTICAL
70MHz LOW PASS
200 IMPEDANCE
200
VOLTAGE HERE = CENTER POINT
OF SINE WAVE (0.5V TYPICALLY)
USING PASSIVE AVERAGING CIRCUIT
0 TO 1V p-p
SINE WAVE
AD9851
200
Figure 2. Basic Clock Generator Configuration
REV. D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com