Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM27C4096 Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AM27C4096
Description  4 Megabit (256 K x 16-Bit) CMOS EPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C4096 Datasheet(HTML) 2 Page - Advanced Micro Devices

  AM27C4096 Datasheet HTML 1Page - Advanced Micro Devices AM27C4096 Datasheet HTML 2Page - Advanced Micro Devices AM27C4096 Datasheet HTML 3Page - Advanced Micro Devices AM27C4096 Datasheet HTML 4Page - Advanced Micro Devices AM27C4096 Datasheet HTML 5Page - Advanced Micro Devices AM27C4096 Datasheet HTML 6Page - Advanced Micro Devices AM27C4096 Datasheet HTML 7Page - Advanced Micro Devices AM27C4096 Datasheet HTML 8Page - Advanced Micro Devices AM27C4096 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Am27C4096
PRODUCT SELECTOR GUIDE
CONNECTION DIAGRAMS
Top View
DIP
PLCC
Notes:
1. JEDEC nomenclature is in parenthesis.
2. Don’t use (DU) for PLCC.
PIN DESIGNATIONS
A0–A17
= Address Inputs
CE# (E#)/
= Chip Enable Input/
PGM#/ (P#)
Program Enable Input
DQ0–DQ15 = Data Input/Outputs
OE# (G#)
= Output Enable Input
VCC
=VCC Supply Voltage
VPP
= Program Voltage Input
VSS
= Ground
LOGIC SYMBOL
Family Part Number
Am27C4096
Speed Options
VCC = 5.0 V ± 5%
-95
-105
-255
VCC = 5.0 V ± 10%
-100
-120
-150
-200
Max Access Time (ns)
90
100
120
150
200
250
CE# (E#) Access (ns)
90
100
120
150
200
250
OE# (G#) Access (ns)
50
50
50
65
75
75
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
VCC
A17
A16
A15
A14
A13
A12
A11
A10
A9
VSS
A8
A7
A6
A5
A4
A3
A2
A1
A0
VPP
CE# (E#)/PGM# (P#)
DQ15
DQ14
DQ13
DQ12
DQ11
DQ10
DQ9
DQ8
VSS
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
OE# (G#)
11408F-2
1 444342
5432
641 40
7
8
9
10
11
12
13
14
15
16
17
A13
A12
A11
A10
A9
VSS
NC
A8
A7
A6
A5
39
38
37
36
35
34
33
32
31
30
29
DQ12
DQ11
DQ10
DQ9
DQ8
VSS
NC
DQ7
DQ6
DQ5
DQ4
23 24 25 26
19 20 21 22
18
27 28
11408F-3
18
16
DQ0–DQ15
A0–A17
CE# (E#)/PGM# (P#)
OE# (G#)
11408F-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com