Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM27C4096 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM27C4096
Description  4 Megabit (256 K x 16-Bit) CMOS EPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C4096 Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM27C4096 Datasheet HTML 1Page - Advanced Micro Devices AM27C4096 Datasheet HTML 2Page - Advanced Micro Devices AM27C4096 Datasheet HTML 3Page - Advanced Micro Devices AM27C4096 Datasheet HTML 4Page - Advanced Micro Devices AM27C4096 Datasheet HTML 5Page - Advanced Micro Devices AM27C4096 Datasheet HTML 6Page - Advanced Micro Devices AM27C4096 Datasheet HTML 7Page - Advanced Micro Devices AM27C4096 Datasheet HTML 8Page - Advanced Micro Devices AM27C4096 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FINAL
Publication# 11408
Rev: F Amendment/0
Issue Date: May 1998
Am27C4096
4 Megabit (256 K x 16-Bit) CMOS EPROM
DISTINCTIVE CHARACTERISTICS
s Fast access time
— Speed options as fast as 90 ns
s Low power consumption
— 100 µA maximum CMOS standby current
s JEDEC-approved pinout
— Plug-in upgrade of 1 Mbit and 2 Mbit EPROMs
— 40-pin DIP/PDIP
— 44-pin PLCC
s Single +5 V power supply
s
±10% power supply tolerance standard
s 100% Flashrite programming
— Typical programming time of 32 seconds
s Latch-up protected to 100 mA from –1 V to
VCC + 1 V
s High noise immunity
GENERAL DESCRIPTION
The Am27C4096 is a 4 Mbit, ultraviolet erasable pro-
grammable read-only memory. It is organized as 256
Kwords, operates from a single +5 V supply, has a
static standby mode, and features fast single address
location programming. The Am27C4096 is ideal for use
in 16-bit microprocessor systems. The device is avail-
able in windowed ceramic DIP packages, and plastic
one time programmable (OTP) PDIP and PLCC pack-
ages.
Data can be typically accessed in less than 90 ns, al-
lowing high-performance microprocessors to operate
without any WAIT states. The device offers separate
Output Enable (OE#) and Chip Enable (CE#) controls,
thus eliminating bus contention in a multiple bus micro-
processor system.
AMD’s CMOS process technology provides high
speed, low power, and high noise immunity. Typical
power consumption is only 125 mW in active mode,
and 125 µW in standby mode.
All signals are TTL levels, including programming sig-
nals. Bit locations may be programmed singly, in
blocks, or at random. The device supports AMD’s
Flashrite programming algorithm (100 µs pulses), re-
sulting in a typical programming time of 32 seconds.
BLOCK DIAGRAM
11408F-1
A0–A17
Address
Inputs
CE#/PGM#
OE#
VCC
VSS
VPP
Data Outputs
DQ0–DQ15
Output
Buffers
Y
Gating
4,194,304
Bit Cell
Matrix
X
Decoder
Y
Decoder
Output Enable
Chip Enable
and
Prog Logic


Similar Part No. - AM27C4096

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C400 AMD-AM27C400 Datasheet
428Kb / 12P
4 Megabit, ROM Compatible CMOS EPROM
More results

Similar Description - AM27C4096

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C010 AMD-AM27C010 Datasheet
175Kb / 13P
1 Megabit (128 K x 8-Bit) CMOS EPROM
AM27C020 AMD-AM27C020 Datasheet
172Kb / 12P
2 Megabit (256 K x 8-Bit) CMOS EPROM
AM27C040 AMD-AM27C040 Datasheet
175Kb / 13P
4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C2048 AMD-AM27C2048 Datasheet
173Kb / 12P
2 Megabit (128 K x 16-Bit) CMOS EPROM
AM29F400B AMD-AM29F400B Datasheet
515Kb / 37P
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29LV400B AMD-AM29LV400B_03 Datasheet
382Kb / 14P
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM27C1024 AMD-AM27C1024 Datasheet
165Kb / 12P
1 Megabit (65 K x 16-Bit) CMOS EPROM
AM27C040 AMD-AM27C040_99 Datasheet
166Kb / 13P
4 Megabit (512 K x 8-Bit) CMOS EPROM
logo
SPANSION
AM29LV400BT-70SC SPANSION-AM29LV400BT-70SC Datasheet
1Mb / 48P
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400BT-90EC SPANSION-AM29LV400BT-90EC Datasheet
1Mb / 48P
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com