Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM28F256 Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM28F256
Description  256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F256 Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM28F256 Datasheet HTML 8Page - Advanced Micro Devices AM28F256 Datasheet HTML 9Page - Advanced Micro Devices AM28F256 Datasheet HTML 10Page - Advanced Micro Devices AM28F256 Datasheet HTML 11Page - Advanced Micro Devices AM28F256 Datasheet HTML 12Page - Advanced Micro Devices AM28F256 Datasheet HTML 13Page - Advanced Micro Devices AM28F256 Datasheet HTML 14Page - Advanced Micro Devices AM28F256 Datasheet HTML 15Page - Advanced Micro Devices AM28F256 Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
12
Am28F256
Figure 1.
Flasherase Electrical Erase Algorithm
Start
Program All Bytes to 00h
Apply VPPH
Address = 00h
PLSCNT = 0
Write Erase Setup Command
Write Erase Command
Time out 10 ms
Write Erase Verify
Time out 6 µs
Read Data from Device
Data = FFh
Last Address
Write Reset Command
Apply VPPL
Erasure Completed
PLSCNT =
1000
Increment Address
Apply VPPL
Erase Error
No
Yes
No
11559G-6
Yes
Yes
Yes
No
No
Increment
PLSCNT
Data = 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com