Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9549ABCPZ Datasheet(PDF) 61 Page - Analog Devices

Part # AD9549ABCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549ABCPZ Datasheet(HTML) 61 Page - Analog Devices

Back Button AD9549ABCPZ Datasheet HTML 57Page - Analog Devices AD9549ABCPZ Datasheet HTML 58Page - Analog Devices AD9549ABCPZ Datasheet HTML 59Page - Analog Devices AD9549ABCPZ Datasheet HTML 60Page - Analog Devices AD9549ABCPZ Datasheet HTML 61Page - Analog Devices AD9549ABCPZ Datasheet HTML 62Page - Analog Devices AD9549ABCPZ Datasheet HTML 63Page - Analog Devices AD9549ABCPZ Datasheet HTML 64Page - Analog Devices AD9549ABCPZ Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 76 page
background image
AD9549
Rev. D | Page 61 of 76
FREE-RUN (SINGLE-TONE) MODE (REGISTER 0x01A0 TO REGISTER 0x01AD)
Register 0x01A0 to Register 0x01A5—Reserved
Register 0x01A6—FTW0 (Frequency Tuning Word)
Table 60.
Bit
Bit Name
Description
[7:0]
FTW0
FTW (frequency tuning word) for DDS when the loop is not closed (see Register 0x0100, Bit 0). Also used as
the initial frequency estimate when the estimator is disabled (see Register 0x0100, Bit 4) Note that the
power-up default is defined by the startup of Pin S1 to Pin S4 (see the Default DDS Output Frequency on
Power-Up section). Updates to the FTW results in an instantaneous frequency jump but no phase discontinuity.
Register 0x01A7—FTW0 (Frequency Tuning Word) (Continued)
Table 61.
Bit
Bit Name
Description
[15:8]
FTW0
FTW (frequency tuning word) for DDS when the loop is not closed (see Register 0x0100, Bit 0). Also used as
the initial frequency estimate when the estimator is disabled (see Register 0x0100, Bit 4) Note that the
power-up default is defined by the startup of Pin S1 to Pin S4 (see the Default DDS Output Frequency on
Power-Up section). Updates to the FTW results in an instantaneous frequency jump but no phase discontinuity.
Register 0x01A8—FTW0 (Frequency Tuning Word) (Continued)
Table 62.
Bit
Bit Name
Description
[23:16]
FTW0
FTW (frequency tuning word) for DDS when the loop is not closed (see Register 0x0100, Bit 0). Also used as
the initial frequency estimate when the estimator is disabled (see Register 0x0100, Bit 4) Note that the
power-up default is defined by the startup of Pin S1 to Pin S4 (see the Default DDS Output Frequency on
Power-Up section). Updates to the FTW results in an instantaneous frequency jump but no phase discontinuity.
Register 0x01A9—FTW0 (Frequency Tuning Word) (Continued)
Table 63.
Bit
Bit Name
Description
[31:24]
FTW0
FTW (frequency tuning word) for DDS when the loop is not closed (see Register 0x0100, Bit 0). Also used as
the initial frequency estimate when the estimator is disabled (see Register 0x0100, Bit 4) Note that the
power-up default is defined by the startup of Pin S1 to Pin S4 (see the Default DDS Output Frequency on
Power-Up section). Updates to the FTW results in an instantaneous frequency jump but no phase discontinuity.
Register 0x01AA—FTW0 (Frequency Tuning Word) (Continued)
Table 64.
Bit
Bit Name
Description
[39:32]
FTW0
FTW (frequency tuning word) for DDS when the loop is not closed (see Register 0x0100, Bit 0). Also used as
the initial frequency estimate when the estimator is disabled (see Register 0x0100, Bit 4) Note that the
power-up default is defined by the startup of Pin S1 to Pin S4 (see the Default DDS Output Frequency on
Power-Up section). Updates to the FTW results in an instantaneous frequency jump but no phase discontinuity.
Register 0x01AB—FTW0 (Frequency Tuning Word) (Continued)
Table 65.
Bit
Bit Name
Description
[47:40]
FTW0
FTW (frequency tuning word) for DDS when the loop is not closed (see Register 0x0100, Bit 0). Also used as
the initial frequency estimate when the estimator is disabled (see Register 0x0100, Bit 4) Note that the
power-up default is defined by the startup of Pin S1 to Pin S4 (see the Default DDS Output Frequency on
Power-Up section). Updates to the FTW results in an instantaneous frequency jump but no phase discontinuity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com