Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9549ABCPZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9549ABCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549ABCPZ Datasheet(HTML) 3 Page - Analog Devices

  AD9549ABCPZ Datasheet HTML 1Page - Analog Devices AD9549ABCPZ Datasheet HTML 2Page - Analog Devices AD9549ABCPZ Datasheet HTML 3Page - Analog Devices AD9549ABCPZ Datasheet HTML 4Page - Analog Devices AD9549ABCPZ Datasheet HTML 5Page - Analog Devices AD9549ABCPZ Datasheet HTML 6Page - Analog Devices AD9549ABCPZ Datasheet HTML 7Page - Analog Devices AD9549ABCPZ Datasheet HTML 8Page - Analog Devices AD9549ABCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
AD9549
Rev. D | Page 3 of 76
REVISION HISTORY
1
2/10—Rev. C to Rev. D
Changes to IAVDD (Pin 19, Pin 23 to Pin 26, Pin 29, Pin 30,
Pin44, Pin 45) Parameter .................................................................4
Changes to Total Power Dissipation Parameter and Added
Endnote 4 ...........................................................................................5
Changes to Pin 59 Description......................................................11
Changes to Direct Digital Synthesizer (DDS) Section ...............20
Changes to Power-Up Section .......................................................42
Changes to Address 0x0002 Default Value (in Table 13) ...........48
Changes to Address 0x0400 and Address 0x40E Default Values
(in Table 13) .....................................................................................52
5/10—Rev. B to Rev. C
Deleted 64-Lead LFCSP (CP-64-1).................................. Universal
Changes to SYSCLK PLL Enabled/Minimum Differential Input
Level Parameter, Table 2 ...................................................................6
Updated Outline Dimensions........................................................74
Changes to Ordering Guide...........................................................74
1/10—Rev. A to Rev. B
Changes to I/O Register Map Section, Introduction and
Table 13.............................................................................................48
Changes to Register 0x0405 to Register 0x0408—Reserved
Section ..............................................................................................70
Added Register 0x0406—Part Version Section...........................71
12/09—Rev. 0 to Rev. A
Added 64-Lead LFCSP (CP-64-7) ................................... Universal
Changes to Total Power Dissipation Parameter............................5
Changes to Serial Port Timing Specifications and
Propagation Delay Parameters ........................................................8
Added Exposed Paddle Notation to Figure 2; Changes to
Table 4...............................................................................................10
Corrected DDS Phase Offset Resolution from 16 Bits to
14 Bits Throughout; Change to Figure 25....................................20
Changes to Phase Lock Detection Section ..................................24
Change to Figure 30........................................................................25
Changes to Loss of Reference and Reference Frequency
Monitor Sections .............................................................................26
Change to Output Frequency Range Control Section ...............32
Change to Figure 46........................................................................36
Changes to Frequency Estimator Section ....................................37
Changes to Programming Sequence Section ..............................42
Changes to Power Supply Partitioning Section...........................43
Change to Serial Control Port Section .........................................44
Changes to Figure 54 ......................................................................46
Added Exposed Paddle Notation to Outline Dimensions and
Changes to Ordering Guide...........................................................74
8/07—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com