Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV010B Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM29LV010B
Description  1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV010B Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM29LV010B Datasheet HTML 1Page - Advanced Micro Devices AM29LV010B Datasheet HTML 2Page - Advanced Micro Devices AM29LV010B Datasheet HTML 3Page - Advanced Micro Devices AM29LV010B Datasheet HTML 4Page - Advanced Micro Devices AM29LV010B Datasheet HTML 5Page - Advanced Micro Devices AM29LV010B Datasheet HTML 6Page - Advanced Micro Devices AM29LV010B Datasheet HTML 7Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Am29LV010B
AD VAN C E I N F O RM AT I O N
PRODUCT SELECTOR GUIDE
Note: See “AC Characteristics” for full specifications.
BLOCK DIAGRAM
Family Part Number
Am29LV010B
Speed Options
Regulated Voltage Range: VCC =3.0–3.6 V
-45R
Full Voltage Range: VCC = 2.7–3.6 V
-55
-70
-120
Max access time, ns (tACC)
45
55
70
120
Max CE# access time, ns (tCE)
45
55
70
120
Max OE# access time, ns (tOE)
30
30
35
50
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
VCC Detector
State
Control
Command
Register
VCC
VSS
WE#
CE#
OE#
STB
STB
DQ0
–DQ7
Sector Switches
Data
Latch
Y-Gating
Cell Matrix
A0–A16
22140A-1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com