Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV010B Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM29LV010B
Description  1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV010B Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM29LV010B Datasheet HTML 1Page - Advanced Micro Devices AM29LV010B Datasheet HTML 2Page - Advanced Micro Devices AM29LV010B Datasheet HTML 3Page - Advanced Micro Devices AM29LV010B Datasheet HTML 4Page - Advanced Micro Devices AM29LV010B Datasheet HTML 5Page - Advanced Micro Devices AM29LV010B Datasheet HTML 6Page - Advanced Micro Devices AM29LV010B Datasheet HTML 7Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Am29LV010B
AD VAN C E I N F O RM AT I O N
PIN CONFIGURATION
A0–A16
=
17 addresses
DQ0–DQ7 =
8 data inputs/outputs
CE#
=
Chip enable
OE#
=
Output enable
WE#
=
Write enable
VCC
=
3.0 volt-only single power supply
(see Product Selector Guide for speed
options and voltage supply tolerances)
VSS
=
Device ground
NC
=
Pin not connected internally
LOGIC SYMBOL
22140A-3
17
8
DQ0–DQ7
A0–A16
CE#
OE#
WE#



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com