Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1542CSFSA Datasheet(PDF) 3 Page - Emcore Corporation

Part # 1542CSFSA
Description  Microwave DFB Laser Microwave DFB Laser
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1542CSFSA Datasheet(HTML) 3 Page - Emcore Corporation

  1542CSFSA Datasheet HTML 1Page - Emcore Corporation 1542CSFSA Datasheet HTML 2Page - Emcore Corporation 1542CSFSA Datasheet HTML 3Page - Emcore Corporation 1542CSFSA Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MICROWAVE
DATASHEET | AUGUST 2013
© 2013 EMCORE Corporation
| REV 2013.08
satcom-sales@emcore.com
www.emcore.com
Information contained herein is deemed to be reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specifications at any time without notice.
+1 626-293-3400
Electrical Schematic
Mechanical Drawing (dimensions are in inches)
RF Characteristics
Parameter
Specifications
Unit
1542B
1542C
1542D
1542E
Maximum Frequency
7
13
18
22
GHz
Minimum Frequency
0.01
GHz
Amplitude Flatness1&2
4.0
4.0
5.0
5.0
dB p-p
Input Return Loss (50
Ω)
7.0
4.0
4.0
4.0
dB
Input 1 dB Compression
+20
dBm
Input Third Order Intercept3
0.01 GHz - 7.0 GHz
7.0 GHz - 22.0 GHz
+30
+25
Noise Figure (dB)4
0.01 GHz - 3.0 GHz
3.0 GHz - 7.0 GHz
7.0 GHz - 13.0 GHz
13.0 GHz - 18.0 GHz
18. GHz - 22.0 GHz
44
50
-
-
-
44
50
54
-
-
44
50
54
59
-
44
50
54
59
61
1. Specifications guaranteed when unit is connected to an optical path with return loss >35 dB.
2. Peak to Peak
3. Two Carrier Test
4. No RF Input
1542 22 GHz 1310 nm
Microwave DFB Laser



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com