Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1542CSFSA Datasheet(PDF) 4 Page - Emcore Corporation

Part # 1542CSFSA
Description  Microwave DFB Laser Microwave DFB Laser
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1542CSFSA Datasheet(HTML) 4 Page - Emcore Corporation

  1542CSFSA Datasheet HTML 1Page - Emcore Corporation 1542CSFSA Datasheet HTML 2Page - Emcore Corporation 1542CSFSA Datasheet HTML 3Page - Emcore Corporation 1542CSFSA Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MICROWAVE
DATASHEET | AUGUST 2013
© 2013 EMCORE Corporation
| REV 2013.08
satcom-sales@emcore.com
www.emcore.com
Information contained herein is deemed to be reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specifications at any time without notice.
+1 626-293-3400
Laser Safety
Ordering Information
1542n-yy-zz
Frequency (n)
Option Code
7 GHz
B
13 GHz
C
18 GHz
D
22 GHz
E
RF Connector (yy)
Option Code
SMA Male
SM
SMA Female
SF
Optical Connector (zz)
Option Code
No optical connector, 900m buffered pigtail
PG
FC/APC optical connector, 900m buffered pigtail
FA
SC/APC, optical connector, 900m buffered pigtail
SA
This product meets the appropriate standard in Title 21 of the Code of Federal Regulations (CFR). FDA/CDRH Class 1M laser
product. This device has been classified with the FDA/CDRH under accession number 0220191. All versions of this laser are
Class 1M laser product, tested according to IEC 60825-1:2007 / EN 60825-1:2007. An additional warning for Class 1M laser prod-
ucts. For diverging beams, this warning shall state that viewing the laser output with certain optical instruments (for example,
eye loupes, magnifiers and microscopes) within a distance of 100 mm may pose an eye hazard. For collimated beams, this
warning shall state that viewing the laser output with certain optical instruments designed for use at a distance (for example,
telescopes and binoculars) may pose an eye hazard.
Wavelength = 1.5 µm.
Maximum power = 30 mW.
Caution: Use of controls, adjustments and procedures other than those specified herein may result in hazardous laser radiation exposure.
*IEC is a registered trademark of the International Electrotechnical Commission.
1542 22 GHz 1310 nm
Microwave DFB Laser



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com